Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9525DP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9525DP
Description  Simple 2-wire bus buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9525DP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9525DP Datasheet HTML 4Page - NXP Semiconductors PCA9525DP Datasheet HTML 5Page - NXP Semiconductors PCA9525DP Datasheet HTML 6Page - NXP Semiconductors PCA9525DP Datasheet HTML 7Page - NXP Semiconductors PCA9525DP Datasheet HTML 8Page - NXP Semiconductors PCA9525DP Datasheet HTML 9Page - NXP Semiconductors PCA9525DP Datasheet HTML 10Page - NXP Semiconductors PCA9525DP Datasheet HTML 11Page - NXP Semiconductors PCA9525DP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
PCA9525
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 25 February 2011
8 of 22
NXP Semiconductors
PCA9525
Simple 2-wire bus buffer
This means that as direction control is handed from one side of the buffer to the other, a
voltage ‘spike’ of about Vunlock volts will appear on the side that was the ‘input’ and
became the ‘output’.
Figure 9 shows clock and data being buffered through the PCA9525. Channel 3 shows
the SDA_IN port, with direction ‘hand over’ spike (upper left corner). The level of the
SDA_OUT port (channel 4) can be seen to increase as it goes from being held LOW by
the buffer, to being held LOW by another device on the bus.
Of course, the information on the SDA line is only latched into an I2C-bus device on a
clock edge. The spike on the data line does not occur at a time when data is being
latched, and thus the set-up and hold conditions are still met for a valid I2C-bus
transaction.
Figure 9 also shows a glitch occurring on the SDA_OUT port (upper right corner). A more
drastic example is shown in Figure 10. In this case, the side acting as the ‘input’
(SDA_OUT) is more lightly loaded than the side acting as the ‘output’ (SDA_IN). It
therefore rises quickly to Vunlock level, before the SDA_IN has been able to exceed VIL.
Direction control briefly reverses, and SDA_OUT gets pulled back LOW again until
SDA_IN has exceeded VIH.
Fig 9.
‘Hand over’ spikes on the data bus
Fig 10. Fast rising SDA_xx ‘input’ side
002aaf337
002aaf338



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com