Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9525DP Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9525DP
Description  Simple 2-wire bus buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9525DP Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9525DP Datasheet HTML 9Page - NXP Semiconductors PCA9525DP Datasheet HTML 10Page - NXP Semiconductors PCA9525DP Datasheet HTML 11Page - NXP Semiconductors PCA9525DP Datasheet HTML 12Page - NXP Semiconductors PCA9525DP Datasheet HTML 13Page - NXP Semiconductors PCA9525DP Datasheet HTML 14Page - NXP Semiconductors PCA9525DP Datasheet HTML 15Page - NXP Semiconductors PCA9525DP Datasheet HTML 16Page - NXP Semiconductors PCA9525DP Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
PCA9525
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 25 February 2011
13 of 22
NXP Semiconductors
PCA9525
Simple 2-wire bus buffer
Fig 17. PCA9525 bus multiplexer application driven from a simple logic device
Fig 18. PCA9525 bus multiplexer application driven from an I2C-bus I/O expander
R1
1.8 k
Ω
R2
1.8 k
Ω
5 V
002aaf345
SCL
SDA
SCL_IN
SDA_IN
PCA9525
VDD
SCL_OUT
SDA_OUT
U1
A
B
74LS137
VCC
Y0
Y1
U3
Y2
Y3
C
Y4
Y5
Y6
Y7
5 V
isolated bus with
400 pF load capacitance
3-to-8
demultiplexer
SCL
SDA
EN
DIR
SCL_IN
SDA_IN
PCA9605
VDD
SCL_OUT
SDA_OUT
U2
SCL
SDA
EN
DIR
isolated bus with
4 nF load capacitance
R1
1.1 k
Ω
R2
1.1 k
Ω
3.3 V
002aaf346
SCL
SDA
SCL_IN
SDA_IN
PCA9525
VDD
SCL_OUT
SDA_OUT
U1
SCL
PCA9536
VDD
IO0
IO1
U3
IO2
IO3
SDA
3.3 V
isolated bus with
400 pF load capacitance
I2C-bus
I/O expander
SCL
SDA
EN
DIR
SCL_IN
SDA_IN
PCA9605
VDD
SCL_OUT
SDA_OUT
U2
SCL
SDA
EN
DIR
isolated bus with
4 nF load capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com