Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM109HHA-R32MF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SDM109HHA-R32MF
Description  DIP POWER CHOKE COIL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDM109HHA-R32MF Datasheet(HTML) 2 Page - Superworld Electronics

  SDM109HHA-R32MF Datasheet HTML 1Page - Superworld Electronics SDM109HHA-R32MF Datasheet HTML 2Page - Superworld Electronics SDM109HHA-R32MF Datasheet HTML 3Page - Superworld Electronics SDM109HHA-R32MF Datasheet HTML 4Page - Superworld Electronics SDM109HHA-R32MF Datasheet HTML 5Page - Superworld Electronics SDM109HHA-R32MF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
11.06.2010
±20% @ 0Adc
Inductance L ( uH )
0.47
0.32
6. ELECTRICAL CHARACTERISTICS :
SDM109HHA-R32MF
SDM109HHA-R47MF
Part No.
35
32
0
Irms
Max.
( A )
0.36
45
45
0.67
DCR
Isat
Max.
( A )
( m )
±8%
7. CHARACTERISTICS CURVES :
f) Part temperature (ambient + temp. rise) : Should not exceed 125°C under worst case operating conditions.
e) Isat (A) : Will cause L to drop approximately 20%
d) Irms (A) : Will cause an approximately temp. rise T < 40°C
a) Test Frequency : 100KHz/1.0V
b) Operating temp. : -25°C to +125°C
c) Ambient temp. : 20°C
5. GENERAL SPECIFICATION :
0
40
40
Min.
Q
DIP POWER CHOKE COIL
SDM109HHA SERIES
0.80
1.00
SDM109HHA-1R0MF
SDM109HHA-R80MF
40
1.50
32
22
25
35
1.05
40
0
9
18
27
36
45
DC CURRENT(A)
0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
50
60
70
80
DMPI109HHA-R32M
SDM109HHA-R32MF
0
9
18
27
36
45
DC CURRENT(A)
0
0.25
0.5
0.75
1
0
10
20
30
40
50
60
70
80
DMPI109HHA-R47M
SDM109HHA-R47MF
0
7
14
21
28
35
DC CURRENT(A)
0
0.4
0.8
1.2
1.6
0
10
20
30
40
50
60
70
80
DMPI109HHA-R80M
SDM109HHA-R80MF
0
8
16
24
32
DC CURRENT(A)
0
0.5
1
1.5
2
0
10
20
30
40
50
60
70
80
DMPI109HHA-1R0M
SDM109HHA-1R0MF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com