Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM109HHA-R32MF Datasheet(PDF) 3 Page - Superworld Electronics

Part # SDM109HHA-R32MF
Description  DIP POWER CHOKE COIL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDM109HHA-R32MF Datasheet(HTML) 3 Page - Superworld Electronics

  SDM109HHA-R32MF Datasheet HTML 1Page - Superworld Electronics SDM109HHA-R32MF Datasheet HTML 2Page - Superworld Electronics SDM109HHA-R32MF Datasheet HTML 3Page - Superworld Electronics SDM109HHA-R32MF Datasheet HTML 4Page - Superworld Electronics SDM109HHA-R32MF Datasheet HTML 5Page - Superworld Electronics SDM109HHA-R32MF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FREQUENCY(MHz)
SDM109HHA Series
FREQUENCY(MHz)
SDM109HHA Series
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
11.06.2010
7. CHARACTERISTICS CURVES :
0.3
0.05
0.1
0.001
SDM088HBA-R47MF
SDM088HBA-R30MF
0.45
0.30
0.32
0.33
0.33
0.47
0.47
0.46
Inductance
(uH)
9.0
10
7.0
8.0
6.0
4.0
3.0
1.0
0.5
0.8
2.0
5.0
0.42
0.28
0.43
0.29
0.32
0.32 0.32
0.46
0.46
0.46
0.29
0.29
0.43 0.42
0.27
0.28 0.28
0.42
0.42
0.41
0.27
0.27
0.41
0.41
Frequency ( MHz )
DIP POWER CHOKE COIL
SDM109HHA SERIES
0.48
0.78
SDM088HBA-R50MF
SDM088HBA-R80MF
0.50
0.50 0.50
0.51
0.51
0.51
0.79
0.80
0.80
0.79
0.79 0.79
0.45
0.73
0.45
0.46
0.46
0.47
0.47
0.46
0.74
0.75
0.76
0.75
0.73
0.74
0.45
0.44
0.72
0.72
1.01
SDM088HBA-1R0MF
1.01
1.02
1.02
1.01
1.00
1.00
0.94
0.96
1.00
0.98
0.97
0.95 0.95
0.93
0.94
Frequency ( MHz )
64.3 48.8
46.0
48.2
66.3 74.7
SDM088HBA-R47MF
1.32
2.04
1.72
1.76
SDM088HBA-R80MF
SDM088HBA-1R0MF
SDM088HBA-R50MF
60.3 44.9
40.1
52.9
70.7 72.9
74.0
70.8
54.3
42.4
62.4 47.2
75.9
58.6
76.3
62.4 46.0
42.3
0.001
0.82
(uH)
SDM088HBA-R30MF
Inductance
0.8
0.5
1.0
0.05
0.1
0.3
64.5
36.4
53.2
56.5 43.0
41.4
6.56
6.04
9.16 8.05
24.5
16.8 13.0
10.7
7.21
6.89
6.56
6.60
8.29 7.31
21.5
15.0 11.7
9.68
10.1
12.2
22.3
15.9
7.67
8.71
9.78
22.3
15.3 11.9
8.37 7.36
5.97
5.49
6.27
5.77
6.01
5.53
8.0
6.08
6.0
7.0
3.0
2.0
4.0
5.0
9.07
21.2
14.4 11.1
7.74 6.79
9.0
10
5.53
5.08



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com