Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM109HHA-R80MF Datasheet(PDF) 4 Page - Superworld Electronics

Part # SDM109HHA-R80MF
Description  DIP POWER CHOKE COIL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDM109HHA-R80MF Datasheet(HTML) 4 Page - Superworld Electronics

  SDM109HHA-R80MF Datasheet HTML 1Page - Superworld Electronics SDM109HHA-R80MF Datasheet HTML 2Page - Superworld Electronics SDM109HHA-R80MF Datasheet HTML 3Page - Superworld Electronics SDM109HHA-R80MF Datasheet HTML 4Page - Superworld Electronics SDM109HHA-R80MF Datasheet HTML 5Page - Superworld Electronics SDM109HHA-R80MF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 4
11.06.2010
PERFORMANCE
Refer to standard electrical characteristics list
should be covered with solder.
More than 90% of the terminal electrode
Preheating
60
seconds
1. Appearance : No significant abnormality
2. Inductance change : Within ±10% of initial value
Preheating
60
seconds
No disconnection or short circuit.
2. Inductance : Within ±10% of initial value.
1. Appearance : No damage
No disconnection or short circuit.
2. Inductance : Within ±10% of initial value.
1. Appearance : No damage
Reliability Test
Humidity Resistance
High Temperature
Life Test
Life Test
Low Temperature
Thermal Shock
Solder Heat Resistance
150°C
260°C
150°C
245°C
Inductance
Electrical Characteristics Test
DCR
Heat Rated Current (Irms)
Solderability Test
Mechanical Performance Test
Saturation Current (Isat)
8. RELIABILITY AND TEST CONDITION :
ITEM
Time : 500±12 hours
Applied Current : Rated Current
Humidity : 90% to 95%
Temperature : 40±5°C
Temperature : 85±5°C
Time : 500±12 hours
Temperature (°C)
Conditions of 1 cycle.
Temperature : -20±5°C
Time : 500±12 hours
Room Temperature
Room Temperature
125±3
-25±3
Recovery: 4 to 24hrs of recovery under the standard
2
Total : 5 cycles
4
3
Step
1
Within 3
Within 3
30±3
Times (min.)
30±3
Preheat : 150°C, 60sec.
Solder : lead free
Solder Temperature : 260±5°C
Flux : rosin
Dip Time : 10±0.5sec.
10±0.5
seconds
Dipping
cooling
Natural
4±1
seconds
Dipping
cooling
Natural
HP4284A or CH3302/1320/1320S
TEST CONDITION
Isat(A) will cause Lo to drop approximately 20%
HIOKI3540
Irms(A) will cause an temp rise < 40°C typ.
solder bath at 245±5°C for 5 seconds
After fluxing, component shall be dipped in a melted
condition after the removal from test chamber
condition after the removal from test chamber
Recovery: 4 to 24hrs of recovery under the standard
condition after the removal from test chamber
Recovery: 4 to 24hrs of recovery under the standard
condition after the removal from test chamber
Recovery: 4 to 24hrs of recovery under the standard
DIP POWER CHOKE COIL
SDM109HHA SERIES
Appearance : Cracking, chipping and any other
Random Vibration Test
A period of 2 hours in each of 3 mutually perpendicular
Directions and times : X, Y, Z directions for 2 hours.
Amplitude : 1.52mm
Frequency : 10-55-10Hz for 1 min.
directions (Total 6 hours).
defects harmful to the characteristics should not
be allowed.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com