Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM109HHA-R80MF Datasheet(PDF) 6 Page - Superworld Electronics

Part # SDM109HHA-R80MF
Description  DIP POWER CHOKE COIL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDM109HHA-R80MF Datasheet(HTML) 6 Page - Superworld Electronics

  SDM109HHA-R80MF Datasheet HTML 1Page - Superworld Electronics SDM109HHA-R80MF Datasheet HTML 2Page - Superworld Electronics SDM109HHA-R80MF Datasheet HTML 3Page - Superworld Electronics SDM109HHA-R80MF Datasheet HTML 4Page - Superworld Electronics SDM109HHA-R80MF Datasheet HTML 5Page - Superworld Electronics SDM109HHA-R80MF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
11.06.2010
10. PACKING AND QUANTITY :
Inner Box
Carton
840
1680
Styrofoam
Size
120
SDM109HHA
a) Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
Application Notice
2. Transportation :
c) Bulk handling should ensure that abrasion and mechanical shock are minimized.
b) The use of tweezers or vacuum pick up is strongly recommended for individual components.
c) The packaging material should be kept where no chlorine or sulfur exists in the air.
b) Recommended products should be used within 6 months from the time of delivery.
a) Temperature and humidity conditions : Less than 30°C and 70% RH.
To maintain the solderabililty of terminal electrodes :
1. Storage Conditions :
DIP POWER CHOKE COIL
SDM109HHA SERIES



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com