Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8546 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8546
Description  18 V, Micropower, CMOS, Rail-to-Rail Input/Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8546 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8546 Datasheet HTML 13Page - Analog Devices AD8546 Datasheet HTML 14Page - Analog Devices AD8546 Datasheet HTML 15Page - Analog Devices AD8546 Datasheet HTML 16Page - Analog Devices AD8546 Datasheet HTML 17Page - Analog Devices AD8546 Datasheet HTML 18Page - Analog Devices AD8546 Datasheet HTML 19Page - Analog Devices AD8546 Datasheet HTML 20Page - Analog Devices AD8546 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8546
Rev. 0 | Page 17 of 24
APPLICATIONS INFORMATION
The AD8546 is a low input bias current, micropower CMOS
amplifier that operates over a wide supply voltage range of 2.7 V
to 18 V. The AD8546 also employs unique input and output
stages to achieve a rail-to-rail input and output range with a
very low supply current.
INPUT STAGE
Figure 62 shows the simplified schematic of the AD8546. The
input stage comprises two differential transistor pairs, an NMOS
pair (M1, M2) and a PMOS pair (M3, M4). The input common-
mode voltage determines which differential pair turns on and is
more active than the other.
The PMOS differential pair is active when the input voltage
approaches and reaches the lower supply rail. The NMOS pair
is needed for input voltages up to and including the upper
supply rail. This topology allows the amplifier to maintain a
wide dynamic input voltage range and maximize signal swing
to both supply rails.
For the majority of the input common-mode voltage range, the
PMOS differential pair is active. Differential pairs commonly
exhibit different offset voltages. The handoff from one pair to
the other creates a step-like characteristic that is visible in the
VOS vs. VCM graphs (see Figure 4 and Figure 7). This characteristic
is inherent in all rail-to-rail amplifiers that use the dual differential
pair topology. Therefore, always choose a common-mode voltage
that does not include the region of handoff from one input
differential pair to the other.
Additional steps in the VOS vs. VCM curves are also visible as the
input common-mode voltage approaches the power supply rails.
These changes are a result of the load transistors (M8, M9, M14,
and M15) running out of headroom. As the load transistors are
forced into the triode region of operation, the mismatch of their
drain impedances contributes to the offset voltage of the ampli-
fier. This problem is exacerbated at high temperatures due to
the decrease in the threshold voltage of the input transistors.
Refer to Figure 8, Figure 9, Figure 11, and Figure 12 for typical
performance data.
Current Source I1 drives the PMOS transistor pair. As the input
common-mode voltage approaches the upper rail, I1 is steered
away from the PMOS differential pair through the M5 transistor.
The bias voltage, VB1, controls the point where this transfer occurs.
M5 diverts the tail current into a current mirror consisting of the
M6 and M7 transistors. The output of the current mirror then
drives the NMOS transistor pair. Note that the activation of this
current mirror causes a slight increase in supply current at high
common-mode voltages (see Figure 22 and Figure 25).
The AD8546 achieves its high performance by using low voltage
MOS devices for its differential inputs. These low voltage MOS
devices offer excellent noise and bandwidth per unit of current.
Each differential input pair is protected by proprietary regulation
circuitry (not shown in the simplified schematic). The regulation
circuitry consists of a combination of active devices that maintain
the proper voltages across the input pairs during normal opera-
tion and passive clamping devices that protect the amplifier during
fast transients. However, these passive clamping devices begin
to forward-bias as the common-mode voltage approaches either
power supply rail. This causes an increase in the input bias
current (see Figure 14 and Figure 17).
The input devices are also protected from large differential input
voltages by clamp diodes (D1 and D2). These diodes are buffered
from the inputs with two 10 kΩ resistors (R1 and R2). The differ-
ential diodes turn on whenever the differential voltage exceeds
approximately 600 mV; in this condition, the differential input
resistance drops to 20 kΩ.
V+
V–
+IN x
R1
D1
D2
M1
M2
M7
M6
M3
M4
M5
VB1
M8
M10
M9
M16
M17
M11
VB2
OUT x
M12
M14
M13
M15
I1
R2
–IN x
Figure 62. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com