Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8546 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8546
Description  18 V, Micropower, CMOS, Rail-to-Rail Input/Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8546 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8546 Datasheet HTML 14Page - Analog Devices AD8546 Datasheet HTML 15Page - Analog Devices AD8546 Datasheet HTML 16Page - Analog Devices AD8546 Datasheet HTML 17Page - Analog Devices AD8546 Datasheet HTML 18Page - Analog Devices AD8546 Datasheet HTML 19Page - Analog Devices AD8546 Datasheet HTML 20Page - Analog Devices AD8546 Datasheet HTML 21Page - Analog Devices AD8546 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8546
Rev. 0 | Page 18 of 24
OUTPUT STAGE
The AD8546 features a complementary output stage consisting
of the M16 and M17 transistors (see Figure 62). These transistors
are configured in Class AB topology and are biased by the voltage
source, VB2. This topology allows the output voltage to go within
millivolts of the supply rails, achieving a rail-to-rail output swing.
The output voltage is limited by the output impedance of the
transistors, which are low RON MOS devices. The output voltage
swing is a function of the load current and can be estimated using
the output voltage to supply rail vs. load current diagrams (see
Figure 15, Figure 16, Figure 18, and Figure 19).
RAIL-TO-RAIL INPUT AND OUTPUT
The AD8546 features rail-to-rail input and output with a supply
voltage from 2.7 V to 18 V. Figure 63 shows the input and output
waveforms of the AD8546 configured as a unity-gain buffer with
a supply voltage of ±9 V and a resistive load of 1 MΩ. With an
input voltage of ±9 V, the AD8546 allows the output to swing
very close to both rails. Additionally, it does not exhibit phase
reversal.
TIME (200µs/DIV)
VSY = ±9V
RL = 1MΩ
INPUT
OUTPUT
Figure 63. Rail-to-Rail Input and Output
RESISTIVE LOAD
The feedback resistor alters the load resistance that an amplifier
sees. It is, therefore, important to be aware of the value of the
feedback resistors selected for use with the AD8546. The AD8546
is capable of driving resistive loads down to 100 kΩ. The following
two examples, inverting and noninverting configurations, show
how the feedback resistor changes the actual load resistance seen
at the output of the amplifier.
Inverting Configuration
Figure 64 shows the AD8546 in an inverting configuration with a
resistive load, RL, at the output. The actual load seen by the ampli-
fier is the parallel combination of the feedback resistor, R2, and
the load, RL. The combination of a feedback resistor of 1 kΩ and
a load of 1 MΩ results in an equivalent load resistance of 999 Ω at
the output. In this condition, the AD8546 is incapable of driving
such a heavy load; therefore, its performance degrades greatly.
To avoid loading the output, use a larger feedback resistor, but
consider the effect of resistor thermal noise on the overall circuit.
AD8546
1/2
R1
R2
RL
–VSY
RL, EFF = RL || R2
+VSY
VIN
VOUT
Figure 64. Inverting Op Amp Configuration
Noninverting Configuration
Figure 65 shows the AD8546 in a noninverting configuration
with a resistive load, RL, at the output. The actual load seen by
the amplifier is the parallel combination of R1 + R2 and RL.
R1
R2
RL
–VSY
RL, EFF = RL || (R1 + R2)
+VSY
VIN
VOUT
AD8546
1/2
Figure 65. Noninverting Op Amp Configuration
COMPARATOR OPERATION
An op amp is designed to operate in a closed-loop configuration
with feedback from its output to its inverting input. Figure 66
shows the AD8546 configured as a voltage follower with an input
voltage that is always kept at midpoint of the power supplies.
The same configuration is applied to the unused channel. A1 and
A2 indicate the placement of ammeters to measure supply current.
ISY+ refers to the current flowing from the upper supply rail to the
op amp, and ISY− refers to the current flowing from the op amp to
the lower supply rail. As expected, Figure 67 shows that in normal
operating condition, the total current flowing into the op amp is
equivalent to the total current flowing out of the op amp, where
ISY+ = ISY− = 36 μA for the dual AD8546 at VSY = 18 V.
AD8546
1/2
A1
100kΩ
100kΩ
ISY+
+VSY
VOUT
–VSY
ISY–
A2
Figure 66. Voltage Follower Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com