Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739A Datasheet(PDF) 21 Page - Analog Devices

Part # AD9739A
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739A Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9739A Datasheet HTML 17Page - Analog Devices AD9739A Datasheet HTML 18Page - Analog Devices AD9739A Datasheet HTML 19Page - Analog Devices AD9739A Datasheet HTML 20Page - Analog Devices AD9739A Datasheet HTML 21Page - Analog Devices AD9739A Datasheet HTML 22Page - Analog Devices AD9739A Datasheet HTML 23Page - Analog Devices AD9739A Datasheet HTML 24Page - Analog Devices AD9739A Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
AD9739A
Rev. 0 | Page 21 of 44
64- AND 128-CARRIER DOCSIS PERFORMANCE (NORMAL MODE)
IOUTFS = 20 mA, fDAC = 2.4576 GSPS, nominal supplies, 25°C, unless otherwise noted.
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
–52
–62
–72
–82
–92
–102
–112
–122
–132
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–33.209dBm
–58.804dB
–55.165dB
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
Y
–33.210dBm
–58.746dB
–55.165dB
f
f
f
1
1
1
1
2
3
X
N
∆1
∆1
MODE
MKR
SCL
TRC
478.75MHz
372.10MHz
132.70MHz
3∆1
2∆1
1
Figure 64. Low Band Wideband ACLR
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
–52
–62
–72
–82
–92
–102
–112
–122
–132
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–35.873dBm
–58.625dB
–59.286dB
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
Y
–35.872dBm
–58.581dB
–59.214dB
f
f
f
1
1
1
1
2
3
X
N
∆1
∆1
MODE
MKR
SCL
TRC
978.45MHz
–901.85MHz
–561.75MHz
3∆1
2∆1
1
Figure 65. Mid Band Wideband ACLR
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
–52
–62
–72
–82
–92
–102
–112
–122
–132
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–37.983dBm
–55.764dB
–56.953dB
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
Y
–37.954dBm
–55.764dB
–57.007dB
f
f
f
1
1
1
1
2
3
X
N
∆1
∆1
MODE
MKR
SCL
TRC
988.90MHz
–481.95MHz
–925.60MHz
1
2∆1
3∆1
Figure 66. 128-Carrier High Band Wideband ACLR
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 478MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–60.80
–62.25
–61.47
–61.54
–61.40
dBm
–93.21
–94.66
–93.88
–93.95
–93.81
LOWER
dBc
–10.83
–0.267
0.139
0.201
0.308
dBm
–43.24
–32.68
–32.27
–32.21
–32.10
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER –32.409dBm/6MHz
ACP-IBW
–51
–61
–71
–81
–91
–101
–111
–121
–131
0.3dBc
0.2dBc
0.1dBc
–0.3dBc
–32.4dBm
–62.3dBc
–61.5dBc
–61.4dBc
–61.5dBc
Figure 67. Low Band Narrow-Band ACLR (Worst Side)
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 600MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–11.84
–0.284
–0.099
–0.221
–0.060
dBm
–45.04
–33.84
–33.46
–33.34
–33.50
LOWER
dBc
–60.02
–61.11
–60.57
–60.64
–60.58
dBm
–93.58
–94.66
–94.13
–94.20
–94.14
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER –33.558dBm/6MHz
ACP-IBW
–51
–61
–71
–81
–91
–101
–111
–121
–131
–60.6dBc
33.6dBm
0.3dBc
0.1dBc
0.1dBc
0.2dBc
–60.6dBc
–61.1dBc
–60.6dBc
Figure 68. Mid Band Narrow-Band ACLR(Worst Side)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com