Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575-3.3BN Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # LM2575-3.3BN
Description  52kHz Simple 1A Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2575-3.3BN Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button LM2575-3.3BN Datasheet HTML 2Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 3Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 4Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 5Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 6Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 7Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 8Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 9Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Micrel, Inc.
LM2575
May 2009
6
M9999-051209-B
Test Circuits and Layout Guidelines
LM2575
+
100µF
+VIN
1
3
GND
5
ON/OFF
2
OU TPU T
4
F E E DBAC K
L1
330µH
+
D1
MBR360
C OUT
470µF
R2
R1
VOUT
5.00V
7V - 40V
UN RE GUL A TE D
DC INPUT
CIN
L
O
A
D
CIN — 100µF, 75V Aluminum Electrolytic
COUT— 470µF, 15V Aluminum Electrolytic
D1 — Schottky, MBR360
L1 — 330µH, 415-0926 (AIE)
R1 — 1k, 0.01%
R2 — 3.065k, 0.01%
5-pin TO-220 socket—2936 (Loranger Mfg. Co.)
4-pin TO-3 socket—8112-AG7 (Augat Inc.)
LM2575-5.0
+
100µF
+VIN
1
3
GND
5
ON/OFF
2
OU TPU T
4
F E E DBAC K
L1
330µH
+
D1
MBR360
C OUT
220µF
VOUT
5.00V
Note: Pin numbers are for TO-220 Package
7V - 40V
UN RE GUL A TE D
DC INPUT
CIN
CIN — 100µF, 75V Aluminum Electrolytic
COUT— 330µF, 15V Aluminum Electrolytic
D1 — Schottky,MBR360
L1 — 330µH, 415-0926 (AIE)
5-pin TO-220 socket — 2936 (Loranger Mfg. Co.)
4-pin TO-3 socket — 8112-AG7 (Augat Inc.)
L
O
A
D
Figure 1.
As in any switching regulator, layout is very important.
Rapidly switching currents associated with wiring
inductance generate voltage transient switch can cause
problems. For minimal stray inductance and ground
loops, the length of the leads indicated by heavy lines
should be kept as short as possible. Single-point
grounding (as indicated) or ground plane construction
should be used for best results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com