Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575-3.3BN Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # LM2575-3.3BN
Description  52kHz Simple 1A Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2575-3.3BN Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button LM2575-3.3BN Datasheet HTML 3Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 4Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 5Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 6Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 7Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 8Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 9Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 10Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Micrel, Inc.
LM2575
May 2009
7
M9999-051209-B
Typical Characteristics (circuit of Figure 1)
Supply Current
INPUT VOLTAGE ( V)
20
Measured at
Ground Pin
TJ
VOUT = 5V
18
16
14
12
10
8
6
4
0
10
203040
5060
I
LO AD to 1A
Supply Current
vs. Duty Cycle
DUTY CYC LE ( %)
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.0
0
020
40
60
80
100
VIN from 7V to 40V
ILOAD= 200 mA
200
150
100
50
0
-75
VIN= 12V
Standby
Quiescent Current
VIN = 40V
-50 -25 0 25 50 75 100 125150
Current Limit
3
2
1
0
-75
VIN = 25V
INPUT VOLTAGE ( V)
100
Efficiency
VOUT = 12V
-50 -25 0 25 50 75 100125 150
95
90
85
80
75
70
65
60
200 mA
200 mA
V
OUT = 3V
1A
0
5 10 15 20 25 30 35 40
Minimum Operating
Voltage
5.0
ILOAD= 200 mA
Line Regulation
INPUT VOLTAGE (V)
14
0
100
-100
-75
Feedback Pin Current
-50 -25 0 25 50 75 100 125150
VOUT= 1.23V
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-75 -50 -25 0
25 50 75 100125150
12
10
8
6
4
2
0
-2
-4
-6
5
10
15
202530
75
50
25
0
-25
-50
-75
+8
-8
-75
Oscillator Frequency
-50 -25 0 25 50 75 100125150
+6
+4
+2
0
-2
-4
--6
VIN = 12V
VIN = 40V
Normalized at 25C
Normalized toVIN = 10V
VOUT = 5V
I
LO AD = 500mA
TJ = 25
VON/OFF= 5V
Switch
Saturation Voltage
SW I TCH CURREN T (A)
1.2
-55 C
1.0
0.8
0.6
0.4
0
0.20.4
0.60.8
1.0
25 C
125 C
150 C
-40 C
Dropout Voltage
2.0
-75 -50 -25 0 25 50 75 100125150
VOUT = 5%
RIND = 0.2
ILOAD= 1A
I LOAD= 200 mA
1.5
1.0
0.5
0
Normalized
Output Voltage
100
75
50
25
0
-25
-50
-75
-100
-75 -50 -25 0 25 50 75 100125150
VIN = 12V
ILOAD = 200mA
Normalized toTJ = 25 C
1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com