Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4041 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # LM4041
Description  Precision Micropower Shunt Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4041 Datasheet(HTML) 2 Page - Micrel Semiconductor

  LM4041 Datasheet HTML 1Page - Micrel Semiconductor LM4041 Datasheet HTML 2Page - Micrel Semiconductor LM4041 Datasheet HTML 3Page - Micrel Semiconductor LM4041 Datasheet HTML 4Page - Micrel Semiconductor LM4041 Datasheet HTML 5Page - Micrel Semiconductor LM4041 Datasheet HTML 6Page - Micrel Semiconductor LM4041 Datasheet HTML 7Page - Micrel Semiconductor LM4041 Datasheet HTML 8Page - Micrel Semiconductor LM4041 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LM4040/4041
Micrel, Inc.
M9999-031805
2
March 2005
Pin Configuration
Example
Field
Code
_ _ C
3rd Character C = ±0.5%
D = ±1.0%
X = ±0.5% Pb-Free
Y = ±1.0% Pb-Free
Note: If 3rd character is omitted, container will
indicate tolerance.
Example
Field
Code
_ 2 _
2nd Character 1 = 1.225V
2 = 2.500V
4 = 4.096V
5 = 5.000V
A = Adjustable
Example: R2C represents Reference, 2.500V,
±0.5% (LM4040CIM3-2.5)
Example: Y1C represents Pb-Free, 1.225V,
±0.5% (LM4040CYM3-1.2)
SOT-23 Package Markings
Example
Field
Code
R _ _
1st Character R = Reference
Y _ _
1st Character Y = Pb-Free
Ordering Information
Part Number
Accuracy,
Standard
Pb-Free
Voltage
Temp. Coefficient
LM4040CIM3-2.5
LM4040CYM3-2.5
2.500V
±0.5%, 100ppm/°C
LM4040DIM3-2.5
LM4040DYM3-2.5
2.500V
±1.0%, 150ppm/°C
LM4040CIM3-4.1
LM4040CYM3-4.1
4.096V
±0.5%, 100ppm/°C
LM4040DIM3-4.1
LM4040DYM3-4.1
4.096V
±1.0%, 150ppm/°C
LM4040CIM3-5.0
LM4040CYM3-5.0
5.000V
±0.5%, 100ppm/°C
LM4040DIM3-5.0
LM4040DYM3-5.0
5.000V
±1.0%, 150ppm/°C
LM4041CIM3-1.2
LM4041CYM3-1.2
1.225V
±0.5%, 100ppm/°C
LM4041DIM3-1.2
LM4041DYM3-1.2
1.225V
±1.0%, 150ppm/°C
LM4041CIM3-ADJ
LM4041CYM3-ADJ
1.24V to 10V
±0.5%, 100ppm/°C
LM4041DIM3-ADJ
LM4041DYM3-ADJ
1.24V to 10V
±1.0%, 150ppm/°C
Fixed Version
SOT-23 (M3) Package
3
Pin 3 must float or be
connected to pin 2.
Adjustable Version
SOT-23 (M3) Package
1
2
3 –
FB
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com