Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4041 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # LM4041
Description  Precision Micropower Shunt Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4041 Datasheet(HTML) 4 Page - Micrel Semiconductor

  LM4041 Datasheet HTML 1Page - Micrel Semiconductor LM4041 Datasheet HTML 2Page - Micrel Semiconductor LM4041 Datasheet HTML 3Page - Micrel Semiconductor LM4041 Datasheet HTML 4Page - Micrel Semiconductor LM4041 Datasheet HTML 5Page - Micrel Semiconductor LM4041 Datasheet HTML 6Page - Micrel Semiconductor LM4041 Datasheet HTML 7Page - Micrel Semiconductor LM4041 Datasheet HTML 8Page - Micrel Semiconductor LM4041 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LM4040/4041
Micrel, Inc.
M9999-031805
4
March 2005
LM4040-2.5 Electrical Characteristics (Note 4)
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C. The grades C and D designate initial Reverse Break-
down Voltage tolerance of ±0.5% and ±1.0 respectively.
LM4040CIM3
LM4040DIM3
Symbol
Parameter
Conditions
Typical
Units
(Note 5)
Limits
Limits
(Limit)
(Note 6)
(Note 6)
VR
Reverse Breakdown Voltage
IR = 100µA
2.500
V
Reverse Breakdown Voltage
IR = 100µA
±12
±25
mV (max)
Tolerance
(Note 7)
±29
±49
mV (max)
IRMIN
Minimum Operating Current
45
µA
60
65
µA (max)
65
70
µA (max)
ΔVR/ΔT
Average Reverse Breakdown
IR = 10mA
±20
ppm/°C
Voltage Temperature
IR = 1mA
±15
±
100
±
150
ppm/°C (max)
Coefficient
IR = 100µA
±15
ppm/°C (max)
ΔVR/ΔIR Reverse Breakdown Voltage
IRMIN ≤ IR 1mA
0.3
mV
Change with Operating
0.8
1.0
mV (max)
Current Change
1.0
1.2
mV (max)
1mA ≤ IR 15mA
2.5
mV
6.0
8.0
mV (max)
8.0
10.0
mV (max)
ZR
Reverse Dynamic Impedance
IR = 1mA, f = 120Hz
0.3
Ω
IAC = 0.1 IR
0.9
1.1
Ω (max)
eN
Wideband Noise
IR = 100µA
10Hz ≤ f ≤ 10kHz
35
µVRMS
ΔVR
Reverse Breakdown Voltage
t = 1000hrs
Long Term Stability
T = 25°C ±0.1°C
120
ppm
IR = 100µA
Note 4. Specification for packaged product only.
Note 5. Typicals are at TJ = 25°C and represent most likely parametric norm.
Note 6. Limits are 100% production tested at 25°C. Limits over temperature are guaranteed through correlation using Statistical Quality Control (SQL)
methods.
Note 7. The boldface (over temperature limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown Volt-
age Tolerance ±[(ΔVR/ΔT)(65°C)(VR)]. ΔVR/ΔT is the VR temperature coefficient, 65°C is the temperature range from –40°C to the reference
point of 25°C, and VR is the reverse breakdown voltage. The total over temperature tolerance for the different grades follows:
C-grade: ±1.15% = ±0.5% ±100ppm/°C × 65°C
D-grade: ±1.98% = ±1.0% ±150ppm/°C × 65°C
Example: The C-grade LM4040-2.5 has an over temperature Reverse Breakdown Voltage tolerance of ±2.5 × 1.15% = ±29mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com