Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC708 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC708
Description  關P Supervisory Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC708 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC708 Datasheet HTML 1Page - Micrel Semiconductor MIC708 Datasheet HTML 2Page - Micrel Semiconductor MIC708 Datasheet HTML 3Page - Micrel Semiconductor MIC708 Datasheet HTML 4Page - Micrel Semiconductor MIC708 Datasheet HTML 5Page - Micrel Semiconductor MIC708 Datasheet HTML 6Page - Micrel Semiconductor MIC708 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MIC705/06/07/08
Micrel, Inc.
MIC705/06/07/08
2
January 2006
Pin Configuration
1
2
3
4
VCC
GND
PFI
8
7
6
5
WDO
RESET
WDI
PFO
MIC705
MIC706
MR
PFO
1
2
3
4
VCC
GND
PFI
8
7
6
5
RESET
RESET
NC
PFO
MIC707
MIC708
MR
PFO
8-Pin PDIP Package
8-Pin SOIC Package
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
MIC705/06
MIC707/08
1
1
/MR
Manual Reset Input forces /RESET to assert when pulled below 0.8V. An
internal pull-up current of 250µA on this input forces it high when left floating.
this input can also be driven from TTL or CMOS logic.
2
2
VCC
Primary supply input, +5V
3
3
GND
IC ground pin, 0V reference
4
4
PFI
Power Fail Input. Internally connected to the power fail comparator which
is referenced to 1.25V. The Power Fail Output (/PFO) remains high if PFI
is above 1.25V. PFI should be connected to GND or VOUT if the power fail
comparator is not used.
5
5
/PFO
Power Fail Output. The power fail comparator is independent of all other
function on this device.
6
N/A
WDI
Watch Dog Input. The WDI input monitors microprcessor activity, an internal
watchdog timer resets itself with each transition on the watchdog input. If the
WDIpin is held high or low for longer than the watchog timeout period, /WDO
is forced to active low. the watchdog function can be diabled by floating the
WDI pin.
N/A
6
N/C
Not Internally Connected
7
7
/RESET
/RESET is asserted if either VCCgoes below the reset threshold voltage or
by low signal on the manual reset input (/MR). /RESET remains asserted for
one reset timeout period (200ms) after VCC exceeds the reset threshold volt-
age or after the manual reset pin transition from low to high. The watchdog
timer will not assert /RESET unless /WDO is connected to /MR
8
N/A
/WDO
Output for the Watchdog Timer. The watchdog timer resets itself with each
transition o the watchdog input. If the WDI pin is held high or low for longer
than the watchdog timeout period, /WDO is forced low. /WDO will also be
forced low id VCC is below the reset threshold voltageand will remain low
until VCC returns to a valid level.
N/A
8
RESET
RESET is the compliment of /RESET and is asserted if either VCC goes be-
low the reset threshold voltage or by a low signal on the manual reset input
(/MR). RESET is suitable for microprocessor systems that use active high
reset.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com