Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC708 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC708
Description  關P Supervisory Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC708 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC708 Datasheet HTML 1Page - Micrel Semiconductor MIC708 Datasheet HTML 2Page - Micrel Semiconductor MIC708 Datasheet HTML 3Page - Micrel Semiconductor MIC708 Datasheet HTML 4Page - Micrel Semiconductor MIC708 Datasheet HTML 5Page - Micrel Semiconductor MIC708 Datasheet HTML 6Page - Micrel Semiconductor MIC708 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
January 2006
1
MIC705/06/07/08
MIC705/06/07/08
Micrel, Inc.
MIC705/706/707/708
µP Supervisory Circuit
General Description
The MIC705, MIC706, MIC707, and MIC708 are inexpensive
mircoprocessor supervisory circuit that monitors power sup-
plies in microprocessor based systems. The circuit functions
include a watchdog timer, microprocessor reset, backup
battery switchover, power failure warning and a debounced
manual reset input.
The MIC705 and MIC706 offer a watchdog timer function
while the MIC707 and MIC708 have an active high reset
output in addition to the active low reset output.
Supplyvoltagemonitorlevelsof4.65Vand4.4Vareavailable.
TheMIC705andMIC707haveanominalresetthresholdlevel
of 4.65V while the MIC706 and MIC708 have a 4.4V nominal
threshold level. When the supply voltage drops below the
respective reset threshold level, /RESET is asserted.
Typical Application
VCC
RESET
µP
RESET
VCC
MIC705
MIC706
+5V (Regulated)
MR
WDI
I/O Line
PFO
Interrupt
PFI
DC Voltage
(Unregulated)
Manual
Reset
WDO
NMI
Features
• Debounced manual reset input is TTL/CMOS
Compatible
• Watchdog timer, 1.6s (MIC705/706)
• 4.65V or 4.40V Precision Voltage Monitor
• Early power fail warning or low battery detect
Applications
• Automotive systems
• Intelligent systems
• Critical microprocessor power monitoring
• Battery powered computers
• Computers
• Controllers
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
Ordering Information
Part Number
Temperature Range
Package
Standard
Pb-Free
MIC70_N
MIC70_NY
–40ºC to +85ºC
8-Pin PDIP
MIC70_M
MIC70_MY
–40ºC to +85ºC
8-Pin SOIC


Similar Part No. - MIC708

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC708 MICREL-MIC708 Datasheet
177Kb / 8P
Supervisory Circuits
MIC708 MICREL-MIC708 Datasheet
180Kb / 7P
uP Supervisory Circuit
MIC708MY MICREL-MIC708MY Datasheet
180Kb / 7P
uP Supervisory Circuit
MIC708MY MICREL-MIC708MY Datasheet
441Kb / 10P
關P Supervisory Circuit
MIC708R MICREL-MIC708R Datasheet
159Kb / 7P
關P Supervisory Circuit
More results

Similar Description - MIC708

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC1832 IMPALA-ILC1832 Datasheet
78Kb / 5P
關P SUPERVISORY CIRCUIT
logo
Micrel Semiconductor
MIC1232 MICREL-MIC1232 Datasheet
162Kb / 8P
關P Supervisory Circuit
MIC1832 MICREL-MIC1832 Datasheet
164Kb / 8P
關P Supervisory Circuit
MIC706P MICREL-MIC706P_06 Datasheet
159Kb / 7P
關P Supervisory Circuit
logo
PulseCore Semiconductor
ASM161 PULSECORE-ASM161 Datasheet
189Kb / 9P
關P Supervisory Circuit
logo
Micrel Semiconductor
MIC1232 MICREL-MIC1232_06 Datasheet
147Kb / 6P
關P Supervisory Circuit
MIC1832 MICREL-MIC1832_06 Datasheet
149Kb / 7P
關P Supervisory Circuit
MIC706R MICREL-MIC706R_11 Datasheet
163Kb / 7P
關P Supervisory Circuit
MIC708TMY MICREL-MIC708TMY Datasheet
451Kb / 10P
關P Supervisory Circuit
MIC705 MICREL-MIC705_14 Datasheet
441Kb / 10P
關P Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com