Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

65C Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 65C
Description  televisions, household appliances, office equipment, communication devices
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

65C Datasheet(HTML) 1 Page - Renesas Technology Corp

  65C Datasheet HTML 1Page - Renesas Technology Corp 65C Datasheet HTML 2Page - Renesas Technology Corp 65C Datasheet HTML 3Page - Renesas Technology Corp 65C Datasheet HTML 4Page - Renesas Technology Corp 65C Datasheet HTML 5Page - Renesas Technology Corp 65C Datasheet HTML 6Page - Renesas Technology Corp 65C Datasheet HTML 7Page - Renesas Technology Corp 65C Datasheet HTML 8Page - Renesas Technology Corp 65C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
M16C/65C Group
RENESAS MCU
R01DS0015EJ0100
Rev.1.00
Feb 07, 2011
Datasheet
R01DS0015EJ0100 Rev.1.00
Page 1 of 109
Feb 07, 2011
1.
Overview
1.1
Features
The M16C/65C Group microcomputer (MCU) incorporates the M16C/60 Series CPU core and flash
memory, employing sophisticated instructions for a high level of efficiency. This MCU has 1 MB of address
space (expandable to 4 MB), and it is capable of executing instructions at high speed. In addition, the
CPU core boasts a multiplier for high-speed operation processing.
This MCU consumes low power, and supports operating modes that allow additional power control. The
MCU also uses an anti-noise configuration to reduce emissions of electromagnetic noise and is designed
to withstand electromagnetic interference (EMI). By integrating many of the peripheral functions, including
the multifunction timer and serial interface, the number of system components has been reduced.
1.1.1
Applications
This MCU can be used in audio components, cameras, televisions, household appliances, office
equipment, communication devices, mobile devices, industrial equipment, and other applications.


Similar Part No. - 65C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
65C256 ETC-65C256 Datasheet
74Kb / 11P
32K x 8 LOW POWER CMOS STATIC RAM
logo
Elma Electronic Ltd
65C308-15216-40 ELMA-65C308-15216-40 Datasheet
1Mb / 2P
3U 8-Slot OpenVPX Backplane
logo
Infineon Technologies A...
65C6099 INFINEON-65C6099 Datasheet
3Mb / 20P
CoolMOS??C6 Power Transistor
2011-12-14 revision:2.0
65C6190 INFINEON-65C6190 Datasheet
2Mb / 19P
Extremely low losses due to very low FOM Rdson*Qg and Eoss
Rev. 2.0, 2011-05-09
65C6280 INFINEON-65C6280 Datasheet
2Mb / 19P
650V CoolMOS C6 Power Transistor
2010-07-26 revision:2.0
More results

Similar Description - 65C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3061 TOSHIBA-TLP3061 Datasheet
285Kb / 5P
office machine household use equipment
logo
Renesas Technology Corp
R8CL35A RENESAS-R8CL35A_09 Datasheet
1Mb / 89P
Household appliances, office equipment, audio equipment, consumer products, etc.
R5F2LA64ANFP RENESAS-R5F2LA64ANFP Datasheet
1Mb / 106P
Household appliances, office equipment, audio equipment, consumer products
M16C64C RENESAS-M16C64C Datasheet
757Kb / 91P
cameras, televisions, household appliances, office equipment
R8C35M RENESAS-R8C35M Datasheet
560Kb / 57P
household appliances, office equipment, audio equipment, consumer equipment
R8C33M RENESAS-R8C33M Datasheet
548Kb / 56P
Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C32M RENESAS-R8C32M Datasheet
541Kb / 56P
Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C3NT RENESAS-R8C3NT Datasheet
589Kb / 58P
Electronic household appliances, office equipment, audio equipment, consumer equipment
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
Office Equipment Household Appliances
logo
American Electronic Com...
DG31H AEC-DG31H Datasheet
353Kb / 2P
Domestic appliances, office equipment etc
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com