Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

65C Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 65C
Description  televisions, household appliances, office equipment, communication devices
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

65C Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 65C Datasheet HTML 18Page - Renesas Technology Corp 65C Datasheet HTML 19Page - Renesas Technology Corp 65C Datasheet HTML 20Page - Renesas Technology Corp 65C Datasheet HTML 21Page - Renesas Technology Corp 65C Datasheet HTML 22Page - Renesas Technology Corp 65C Datasheet HTML 23Page - Renesas Technology Corp 65C Datasheet HTML 24Page - Renesas Technology Corp 65C Datasheet HTML 25Page - Renesas Technology Corp 65C Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 112 page
background image
R01DS0015EJ0100 Rev.1.00
Page 22 of 109
Feb 07, 2011
M16C/65C Group
1. Overview
Notes:
1.
Contact the manufacturer of crystal/ceramic resonator regarding the oscillation characteristics.
2.
TXD2, SDA2, and SCL2 are N-channel open drain output pins. TXDi (i = 0, 1, 5 to 7), SDAi, and SCLi can be
selected as CMOS output pins or N-channel open drain output pins.
Table 1.16
Pin Functions for the 100-Pin Package (2/3)
Signal Name
Pin Name
I/O
Power Supply
Description
Main clock input
XIN
I
VCC1
I/O for the main clock oscillator. Connect a ceramic
resonator or crystal between pins XIN and XOUT. (1)
Input an external clock to XIN pin and leave XOUT pin
open.
Main clock output
XOUT
O
VCC1
Sub clock input
XCIN
I
VCC1
I/O for a sub clock oscillator. Connect a crystal between
XCIN pin and XCOUT pin. (1) Input an external clock to
XCIN pin and leave XCOUT pin open.
Sub clock output
XCOUT
O
VCC1
BCLK output
BCLK
O
VCC2
Outputs the BCLK signal.
Clock output
CLKOUT
O
VCC2
Outputs a clock with the same frequency as fC, f1, f8, or
f32.
INT interrupt input
INT0 to INT2
I
VCC1
Input for the
INT interrupt.
INT3 to INT7
I
VCC2
NMI interrupt input
NMI
I
VCC1
Input for the
NMI interrupt.
Key input interrupt
input
KI0 to KI3
I
VCC1
Input for the key input interrupt.
Timer A
TA0OUT to
TA4OUT
I/O
VCC1
I/O for timers A0 to A4 (TA0OUT is N-channel open drain
output).
TA0IN to TA4IN
I
VCC1
Input for timers A0 to A4.
ZP
I
VCC1
Input for Z-phase.
Timer B
TB0IN to TB5IN
I
VCC1
Input for timers B0 to B5.
Three-phase motor
control timer
U,
U, V, V, W, W O
VCC1
Output for the three-phase motor control timer.
SD
I
VCC1
Forced cutoff input.
IDU, IDV, IDW
I
VCC2
Input for the position data.
Real-time clock
output
RTCOUT
O
VCC1
Output for the real-time clock.
PWM output
PWM0, PWM1
O
VCC1, VCC2 PWM output.
Remote control
signal receiver input
PMC0, PMC1
I
VCC1
Input for the remote control signal receiver.
Serial interface
UART0 to UART2,
UART5 to UART7
CTS0 to CTS2,
CTS5
I
VCC1
Input pins to control data transmission.
CTS6, CTS7
I
VCC2
RTS0 to RTS2,
RTS5
O
VCC1
Output pins to control data reception.
RTS6, RTS7
O
VCC2
CLK0 to CLK2,
CLK5
I/O
VCC1
Transmit/receive clock I/O.
CLK6, CLK7
I/O
VCC2
RXD0 to RXD2,
RXD5
I
VCC1
Serial data input.
RXD6, RXD7
I
VCC2
TXD0 to TXD2,
TXD5
O
VCC1
Serial data output. (2)
TXD6, TXD7
O
VCC2
CLKS1
O
VCC1
Output for the transmit/receive clock multiple-pin output
function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com