Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2177BWM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2177BWM
Description  2.5A Synchronous Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2177BWM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2177BWM Datasheet HTML 1Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 2Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 3Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 4Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 5Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 6Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 7Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 8Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Micrel, Inc.
MIC2177
April 2008
3
M9999-042108
Pin Description
Pin Number
Pin Name
Pin Function
1, 2, 9
VIN
Supply Input: Controller and switch supply. Unregulated supply input to internal
regulator, output switches, and control circuitry. Requires bypass capacitor to PGND.
All three pins must be connected to VIN.
3, 8
SW
Switch (Output): Internal power MOSFET switch output. Both pins must be
externally connected together.
4, 5, 6, 7
PGND
Power Ground: Output stage ground connections. Connect all pins to a common
ground plane.
10
OUT
Output Voltage Sense (Input): Senses output voltage to determine minimum switch
current for PWM operation. Connect directly to VOUT.
11
AUTO
Automatic Mode: Connect 2.2nF timing capacitor for automatic PWM-/skip-mode
switching. Regulator operates exclusively in PWM mode when pin is pulled low.
12
FB
Feedback (Input): Error amplifier inverting input. For adjustable output version,
connect FB to external resistive divider to set output voltage. For 3.3V and 5V fixed
output versions, connect FB directly to output.
13
COMP
Compensation: Internal error amplifier output. Connect to capacitor or series RC
network to compensate the regulator control loop.
14, 15, 16, 17
SGND
Signal Ground: Ground connection of control section. Connect all pins to common
ground plane.
18
SYNC
Frequency Synchronization (Input): Optional clock input. Connect to external clock
signal to synchronize oscillator. Leading edge of signal above 1.7V terminates
switching cycle. Connect to SGND if not used.
19
BIAS
Bias Supply: Internal 3.3V bias supply output. Decouple with 0.01µF bypass
capacitor and 10kΩ to SGND. Do not apply any external load.
20
EN
Enable (Input): Logic high enables operation. Logic low shuts down regulator. Do
not allow pin to float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com