Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2177BWM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2177BWM
Description  2.5A Synchronous Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2177BWM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2177BWM Datasheet HTML 1Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 2Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 3Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 4Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 5Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 6Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 7Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 8Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Micrel, Inc.
MIC2177
April 2008
4
M9999-042108
Absolute Maximum Ratings
Supply Voltage [100ms transient] (VIN) ..........................18V
Output Switch Voltage (VSW). .........................................18V
Output Switch Current (ISW)...........................................6.0A
Enable, Output-Sense Voltage (VEN, VOUT). ...................18V
Sync Voltage (VSYNC)........................................................6V
Operating Ratings
Supply Voltage (VIN)....................................... 4.5V to 16.5V
Junction Temperature (TJ) ........................–40°C to +125°C
Electrical Characteristics
VIN = 7.0V; TA = 25°C, bold values indicate –40°C< TA < +85°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
PWM mode, output not switching,
4.5V ≤ VIN ≤ 16.5V
1.0
1.5
mA
skip mode, output not switching,
4.5V ≤ VIN ≤ 16.5V
500
650
µA
ISS
Input Supply Current
VEN = 0V, 4.5V ≤ VIN ≤ 16.5V
1
25
µA
VBIAS
Bias Regulator Output Voltage
VIN = 16.5V
3.10
3.30
3.40
V
VFB
Feedback Voltage
MIC2177 [adj.]: VOUT = 3.3V, ILOAD = 0
1.22
1.245
1.27
V
MIC2177 [adj.]: VOUT = 3.3V,
5V ≤ VIN ≤ 16V, 10mA ≤ ILOAD ≤ 2A
3.20
3.14
3.3
3.40
3.46
V
V
MIC2177-5.0: ILOAD = 0
4.85
5.0
5.15
V
MIC2177-5.0:
6V ≤ VIN ≤ 16V, 10mA ≤ ILOAD ≤ 2A
4.85
4.75
5.0
5.15
5.25
V
V
MIC2177-3.3: ILOAD = 0
3.20
3.3
3.40
V
VOUT
Output Voltage
MIC2177-3.3:
5V ≤ VIN ≤ 16V, 10mA ≤ ILOAD ≤ 2A
3.20
3.14
3.3
3.40
3.46
V
V
VTH
upper threshold
4.25
4.35
V
VTL
Undervoltage Lockout
lower threshold
3.9
4.15
V
MIC2177 [adj.]
60
150
nA
IFB
Feedback Bias Current
MIC2177-5.0, MIC2177-3.3
20
40
µA
AVOL
Error Amplifier Gain
0.6V ≤ VCOMP ≤ 0.8V
15
18
20
V
upper limit
0.9
1.5
V
Error Amplifier Output Swing
Lower limit
0.05
0.1
V
Error Amplifier Output Current
source and sink
15
25
35
µA
fO
Oscillator Frequency
160
200
240
kHz
DMAX
Maximum Duty Cycle
VFB = 1.0V
100
%
tON min
Minimum On-Time
VFB = 1.5V
300
400
ns
SYNC Frequency Range
220
300
kHz
SYNC Threshold
0.8
1.6
2.2
V
SYNC Minimum Pulse Width
500
ns
ISYNC
SYNC Leakage
VSYNC = 0V to 5.5V
–1
0.01
1
µA
PWM mode, VIN = 12V
3.8
4.7
5.7
A
ILIM
Current Limit
skip mode
600
mA
high-side switch, VIN = 12V
90
250
mΩ
RON
Switch On-Resistance
low-side switch, VIN = 12V
110
250
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com