Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2267YML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2267YML
Description  Input Current Limiting Synchronous Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2267YML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2267YML Datasheet HTML 1Page - Micrel Semiconductor MIC2267YML Datasheet HTML 2Page - Micrel Semiconductor MIC2267YML Datasheet HTML 3Page - Micrel Semiconductor MIC2267YML Datasheet HTML 4Page - Micrel Semiconductor MIC2267YML Datasheet HTML 5Page - Micrel Semiconductor MIC2267YML Datasheet HTML 6Page - Micrel Semiconductor MIC2267YML Datasheet HTML 7Page - Micrel Semiconductor MIC2267YML Datasheet HTML 8Page - Micrel Semiconductor MIC2267YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Micrel Inc.
MIC2267
January 2011
2
M9999-011711-A
Ordering Information
Part Number
Voltage
Mark Code
Temperature Range
Package
(1)
MIC2267YML
Adjustable
2267
–40°C to +125°C
12-Pin 3mm x 3mm MLF
®
Note:
1. Package is GREEN RoHS compliant. Lead finish is NiPdAu. Mold compound is halogen free.
Pin Configuration
12-Pin 3mm x 3mm MLF
® (ML)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
AGND
Analog Ground: The ground return for the low power blocks of the MIC2267.
2
FB
Feedback (Input): Input to the error amplifier. Connect a resistor divider between VOUT and
ground to adjust the output voltage.
3
COMP
Compensation Pin: Output of the internal gm error amplifier. Place a series connected,
Resistor and Capacitor to GND for external compensation.
4
PGOOD
Power Good (Output): Open drain of an N-Channel MOSFET. Connect a resistor to VIN or
VOUT for power good signalling.
5
SW
Switch (Output): Internal power MOSFET output switches.
6
PGND
Power Ground: The ground return for the switching currents.
7
VIN
Power Supply Voltage (Input): Requires bypass capacitor to GND
8
EN
Enable/Delay (Input): Apply a Logic High to start the device. Apply Logic Low to stop the
device; placing it in a low quiescent current mode.
9
FILTER
Input Current Limit Filter: Place a capacitor to VIN to adjust the time constant for the input
current limit filter.
10
LIMIT
Input Current Limit: Place a resistor to ground to adjust the average current limit from the input
supply.
11
SLOPEC
Slope Compensation: Sets current mode slope compensation
12
FREQ
Frequency Control: The switching frequency is adjusted from 400kHz to 1.5MHz with a resistor
from this pin to ground.
ePAD
HS Pad
Exposed Heatsink Pad: Thermal connection between die and external ground plane. A solid
connection to a large ground plane is required for full output power. This pad must be
connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com