Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2267YML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2267YML
Description  Input Current Limiting Synchronous Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2267YML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2267YML Datasheet HTML 1Page - Micrel Semiconductor MIC2267YML Datasheet HTML 2Page - Micrel Semiconductor MIC2267YML Datasheet HTML 3Page - Micrel Semiconductor MIC2267YML Datasheet HTML 4Page - Micrel Semiconductor MIC2267YML Datasheet HTML 5Page - Micrel Semiconductor MIC2267YML Datasheet HTML 6Page - Micrel Semiconductor MIC2267YML Datasheet HTML 7Page - Micrel Semiconductor MIC2267YML Datasheet HTML 8Page - Micrel Semiconductor MIC2267YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Micrel Inc.
MIC2267
January 2011
4
M9999-011711-A
Electrical Characteristics (4)
VIN = VEN = 5.0V, VOUT = 3.3V, ILOAD = 10mA, CIN = 10µF, L = 4.7µH, COUT = 47µF, RFREQ = 100kΩ; RSLOPEC = 100kΩ, RLIM = 100kΩ,
RCOMP = 11.5kΩ, CCOMP = 15nF, TA = 25°C; bold values indicate –40°C ≤ TJ ≤ 125°C; unless noted.
Parameter
Conditions
Min.
Typ.
Max.
Units
Soft Start
Soft Start
Adaptive
Internal FETs
Top MOSFET RDS(ON)
ISW = 500mA, VFB = 0.9V
136
225
mΩ
Bottom MOSFET RDS(ON)
ISW = 500mA, VFB = 1.1V
100
225
mΩ
Oscillator/PWM
RFREQ = 250kΩ
0.32
0.4
0.48
RFREQ = 100kΩ
0.8
1
1.2
Oscillator Frequency
RFREQ = 60kΩ
1.2
1.5
1.8
MHz
Maximum Duty Cycle
VFB < 0.5V
100
%
Thermal Protection
Over Temperature Shutdown
160
°C
Over Temperature Shutdown
Hysteresis
20
°C
Power Good
Power Good Threshold
VOUT Rising (VOUT % below nominal)
6.5
10
12.5
%
Power Good Output Low
Voltage
VFB = 0.9V, IPGOOD = 5mA
130
200
mV
1
Power Good Leakage Current
VFB = 1.0V, VPGOOD = 5.5V
2
µA
Note:
4. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com