Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2602 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2602
Description  1.2A, 1.2MHz/2MHz Wide Input Range Integrated Switch Boost Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2602 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2602 Datasheet HTML 1Page - Micrel Semiconductor MIC2602 Datasheet HTML 2Page - Micrel Semiconductor MIC2602 Datasheet HTML 3Page - Micrel Semiconductor MIC2602 Datasheet HTML 4Page - Micrel Semiconductor MIC2602 Datasheet HTML 5Page - Micrel Semiconductor MIC2602 Datasheet HTML 6Page - Micrel Semiconductor MIC2602 Datasheet HTML 7Page - Micrel Semiconductor MIC2602 Datasheet HTML 8Page - Micrel Semiconductor MIC2602 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Micrel, Inc.
MIC2601/2
September 2009
5
M9999-090909-A
Typical Characteristics
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
46
81 01 21 41 61 82 0
INPUT VOLTAGE (V)
Frequency
vs. Input Voltage
MIC2602
MIC2601
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
Frequency
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
MIC2602
MIC2601
0
10
20
30
40
50
60
70
80
90
100
0
LOAD CURRENT (mA)
18VOUT Efficiency
0 100 200 300 400 500 600 700 800
12VIN
8VIN
40
50
60
70
80
90
100
LOAD CURRENT (mA)
18VOUT Efficiency
20 30 40 50 60 70 80
12VIN
90 100
010
8VIN
4.5VIN
0.070
0.073
0.076
0.079
0.082
0.085
0.088
0.091
0.094
0.097
0.100
Shutdown Current
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
EN = 0V
VIN = 12V
0
100
200
300
400
500
600
700
800
900
Thermal Derating
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VIN = 12V
VOUT = 18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com