Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2602 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2602
Description  1.2A, 1.2MHz/2MHz Wide Input Range Integrated Switch Boost Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2602 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2602 Datasheet HTML 1Page - Micrel Semiconductor MIC2602 Datasheet HTML 2Page - Micrel Semiconductor MIC2602 Datasheet HTML 3Page - Micrel Semiconductor MIC2602 Datasheet HTML 4Page - Micrel Semiconductor MIC2602 Datasheet HTML 5Page - Micrel Semiconductor MIC2602 Datasheet HTML 6Page - Micrel Semiconductor MIC2602 Datasheet HTML 7Page - Micrel Semiconductor MIC2602 Datasheet HTML 8Page - Micrel Semiconductor MIC2602 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
MIC2601/2
September 2009
4
M9999-090909-A
Typical Characteristics
0
1
2
3
4
5
6
7
0 246
81 01 21 41 61 8
INPUT VOLTAGE (V)
Quiescent Current
vs. Input Voltage
No Switching FB Pin @ 2V
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
Quiescent Current
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
No Switching FB Pin @ 2V
85
86
87
88
89
90
91
46
81 01 21 41 61 82 0
INPUT VOLTAGE (V)
Max Duty Cycle
vs. Input Voltage
EN = VIN
80
82
84
86
88
90
92
94
96
98
100
Max Duty Cycle
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
EN = 20V
VIN = 20V
0
270
540
810
1080
1350
1620
1890
2160
2430
2700
46
81 01 21 41 61 82 0
INPUT VOLTAGE (V)
Switch Saturation Voltage
vs. Input Voltage
–0.1A –0.2A
0
270
540
810
1080
1350
1620
1890
2160
2430
2700
SWITCH CURRENT (A)
–4V –5V
–0.3A –0.4A
–0.5A –0.6A –0.7A –0.8A
–0.9A –1.0A –1.1A –1.2A
–1.3A –1.4A –1.5A –1.6A
–1.7A
–6V –7V –8V –9V
–10V –12V –15V –20V
Switch Saturation Voltage
vs. Switch Current
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
46
81 01 21 41 61 82 0
INPUT VOLTAGE (V)
Switch Current Limit
vs. Input Voltage
EN = VIN
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
Switch Current Limit
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VIN = 12V
0
0.5
1.0
1.5
2.0
VSAT
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
ISW = Current Limit
ISW = 850mA
ISW = 500mA
ISW = 1200mA
1.240
1.245
1.250
1.255
1.260
1.265
1.270
Feedback Voltage
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VIN = 12V
Load = 100mA
1.250
1.255
1.260
1.265
1.270
1.275
1.280
1.285
1.290
Enable Threshold ON
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VIN = 12V
15
16
17
18
19
20
21
22
23
24
25
Enable Current
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
EN = 0V
VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com