Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4451YN Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4451YN
Description  12A-Peak Low-Side MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4451YN Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4451YN Datasheet HTML 1Page - Micrel Semiconductor MIC4451YN Datasheet HTML 2Page - Micrel Semiconductor MIC4451YN Datasheet HTML 3Page - Micrel Semiconductor MIC4451YN Datasheet HTML 4Page - Micrel Semiconductor MIC4451YN Datasheet HTML 5Page - Micrel Semiconductor MIC4451YN Datasheet HTML 6Page - Micrel Semiconductor MIC4451YN Datasheet HTML 7Page - Micrel Semiconductor MIC4451YN Datasheet HTML 8Page - Micrel Semiconductor MIC4451YN Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MIC4451/4452
12A-Peak Low-Side MOSFET Driver
Bipolar/CMOS/DMOS Process
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-01200 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
MIC4451 and MIC4452 CMOS MOSFET drivers are
tough, efficient, and easy to use. The MIC4451 is an
inverting driver, while the MIC4452 is a non-inverting
driver.
Both versions are capable of 12A (peak) output and can
drive the largest MOSFETs with an improved safe
operating margin. The MIC4451/4452 accepts any logic
input from 2.4V to VS without external speed-up capacitors
or resistor networks. Proprietary circuits allow the input to
swing negative by as much as 5V without damaging the
part. Additional circuits protect against damage from
electrostatic discharge.
MIC4451/4452 drivers can replace three or more discrete
components, reducing PCB area requirements, simplifying
product design, and reducing assembly cost.
Modern Bipolar/CMOS/DMOS construction guarantees
freedom from latch-up. The rail-to-rail swing capability of
CMOS/DMOS insures adequate gate voltage to the
MOSFET during power up/down sequencing. Since these
devices are fabricated on a self-aligned process, they have
very low crossover current, run cool, use little power, and
are easy to drive.
Features
• BiCMOS/DMOS Construction
• Latch-Up Proof: Fully Isolated Process is Inherently
Immune to Any Latch-up.
• Input Will Withstand Negative Swing of Up to 5V
• Matched Rise and Fall Times: 25ns
•..High Peak Output Current: 12A Peak
•..Wide Operating Range: 4.5V to 18V
•..High Capacitive Load Drive: 62,000Pf
•..Low Delay Time: 30ns (typ)
•..Logic High Input for Any Voltage from 2.4V to VS
•..Low Supply Current450µA With Logic 1 Input
•..Low Output Impedance: 1.0Ω
•..Output Voltage Swing to Within 25mV of GND or VS
• Low Equivalent Input Capacitance (typ): 7pF
Applications
• Switch Mode Power Supplies
• Motor Controls
• Pulse Transformer Driver
• Class-D Switching Amplifiers
• Line Drivers
• Driving MOSFET or IGBT Parallel Chip Modules
• Local Power ON/OFF Switch
• Pulse Generators
____________________________________________________________________________________________________________
Functional Diagram
IN
OUT
MIC4451
INVERTING
MIC4452
NONINVERTING
0.1mA
0.3mA
2kΩ
VS
GND
January 2011
M9999-011811-A


Similar Part No. - MIC4451YN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC4451YN MICROCHIP-MIC4451YN Datasheet
2Mb / 24P
12A Peak Low-Side MOSFET Drivers
09/14/21
More results

Similar Description - MIC4451YN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4451 MICREL-MIC4451 Datasheet
105Kb / 10P
12A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4120 MICREL-MIC4120 Datasheet
209Kb / 11P
6A-Peak Low-Side MOSFET Driver
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Micrel Semiconductor
MIC4120 MICREL-MIC4120_05 Datasheet
196Kb / 10P
6A-Peak Low-Side MOSFET Driver
MIC4420 MICREL-MIC4420_05 Datasheet
228Kb / 12P
6A-Peak Low-Side MOSFET Driver
MIC4451 MICREL-MIC4451_05 Datasheet
199Kb / 12P
12A-Peak Low-Side MOSFET Driver
MIC4420YM MICREL-MIC4420YM Datasheet
231Kb / 12P
6A-Peak Low-Side MOSFET Driver
MIC4422YN MICREL-MIC4422YN Datasheet
241Kb / 12P
9A-Peak Low-Side MOSFET Driver
MIC4420ZN MICREL-MIC4420ZN Datasheet
231Kb / 12P
6A-Peak Low-Side MOSFET Driver
logo
Microchip Technology
MIC4451 MICROCHIP-MIC4451 Datasheet
2Mb / 24P
12A Peak Low-Side MOSFET Drivers
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com