Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4451YN Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4451YN
Description  12A-Peak Low-Side MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4451YN Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4451YN Datasheet HTML 1Page - Micrel Semiconductor MIC4451YN Datasheet HTML 2Page - Micrel Semiconductor MIC4451YN Datasheet HTML 3Page - Micrel Semiconductor MIC4451YN Datasheet HTML 4Page - Micrel Semiconductor MIC4451YN Datasheet HTML 5Page - Micrel Semiconductor MIC4451YN Datasheet HTML 6Page - Micrel Semiconductor MIC4451YN Datasheet HTML 7Page - Micrel Semiconductor MIC4451YN Datasheet HTML 8Page - Micrel Semiconductor MIC4451YN Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Micrel Inc.
MIC4451/4452
January 2011
4
M9999-011811
Electrical Characteristics
(Over operating temperature range with 4.5V ≤ VS ≤ 18V unless otherwise specified.)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Input
VIH
Logic 1 Input Voltage
2.4
V
VIL
Logic 0 Input Voltage
0.8
V
VIN
Input Voltage Range
−5
VS + .3
V
IIN
Input Current
0 ≤ VIN ≤ VS
−10
10
μA
Output
VOH
High Output Voltage
See Figure 1
VS − .025
V
VOL
Low Output Voltage
See Figure 1
.025
V
RO
Output Resistance, Output High
IOUT = 10mA, VS = 18V
2.2
Ω
RO
Output Resistance,
Output Low
IOUT = 10mA, VS = 18V
2.2
Ω
Switching Time
(3)
tR
Rise Time
Test Figure 1, CL = 15,000pF
50
ns
tF
Fall Time
Test Figure 1, CL = 15,000pF
60
ns
tD1
Delay Time
Test Figure 1
70
ns
tD2
Delay Time
Test Figure 1
80
ns
Power Supply
IS
Power Supply Current
VIN = 3V
VIN = 0V
3
0.4
mA
VS
Operating Input Voltage
4.5
18
V
Notes:
1. Functional operation above the absolute maximum stress ratings is not implied.
2. Static-sensitive device. Store only in conductive containers. Handling personnel and equipment should be grounded to prevent damage from static
discharge.
3. Switching times guaranteed by design.
4. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com