Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5259-2.8YML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5259-2.8YML
Description  300mA High PSRR, Low Noise 關Cap CMOS LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5259-2.8YML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5259-2.8YML Datasheet HTML 1Page - Micrel Semiconductor MIC5259-2.8YML Datasheet HTML 2Page - Micrel Semiconductor MIC5259-2.8YML Datasheet HTML 3Page - Micrel Semiconductor MIC5259-2.8YML Datasheet HTML 4Page - Micrel Semiconductor MIC5259-2.8YML Datasheet HTML 5Page - Micrel Semiconductor MIC5259-2.8YML Datasheet HTML 6Page - Micrel Semiconductor MIC5259-2.8YML Datasheet HTML 7Page - Micrel Semiconductor MIC5259-2.8YML Datasheet HTML 8Page - Micrel Semiconductor MIC5259-2.8YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MIC5259
300mA High PSRR, Low Noise µCap CMOS LDO
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
September 2006
1
M9999-091406
General Description
The MIC5259 is an efficient CMOS voltage regulator
optimized for low-noise applications. It offers 1.5% initial
accuracy, low dropout voltage (300mV at 300mA) and low
ground current (typically 105µA at light load). The
MIC5259 provides a very-low-noise output, ideal for RF
applications where a clean voltage source is required. The
MIC5259 has a high PSRR even at low supply voltages,
critical for battery operated electronics. A noise bypass pin
is also available for further reduction of output noise.
Designed specifically for handheld and battery-powered
devices, the MIC5259 provides a TTL-logic-compatible
enable pin. When disabled, power consumption drops to
nearly zero.
The MIC5259 also works with low-ESR ceramic
capacitors, reducing the amount of board space necessary
for power applications; critical issue in handheld wireless
devices.
Key features include current limit, thermal shutdown, faster
transient response, and an active clamp to speed up
device turn-off. The MIC5259 is available in the 6-pin
2mm × 2mm MLF
® package and the 5-pin Thin SOT-23
package in a wide range of output voltages.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• Input voltage range: 2.7V to 6.0V
• PSRR = 70dB @ 1kHz
• Low output noise: 30µV(rms)
• Stability with ceramic output capacitors
• Low-dropout: 300mV @ 300mA
• High-output accuracy:
– 1.5% initial accuracy
– 3.0% over temperature
• Low quiescent current: 105µA
• Tight load and line regulation
• TTL-Logic-controlled enable input
• “Zero” off-mode current
• Thermal shutdown and current limit protection
Applications
• Cellular phones and pagers
• Cellular accessories
• Battery-powered equipment
• Laptop, notebook, and palmtop computers
• Consumer/personal electronics
• Industrial portable electronics
• PC peripherals
Typical Application
MIC5259-x.xBML/YML
1
EN
6
CBYP
(optional)
VIN
VOUT
COUT = 1.0µF
5
4
2
3
ENABLE
SHUTDOWN
CIN = 1.0µF
0.01µF
COUT = 1.0µF
Ceramic
CIN = 1.0µF
Ceramic
15
2
3
4
CBYP = 0.01µF
Enable
Shutdown
EN
VOUT
MIC5259-x.xBD5/YD5
EN (pin 3) may be
connected directly
to IN (pin 1).
VIN
Ultra-Low Noise Regulator Application


Similar Part No. - MIC5259-2.8YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5259-2.8YML MICREL-MIC5259-2.8YML Datasheet
3Mb / 9P
300mA High PSRR, Low Noise UCap CMOS LDO
More results

Similar Description - MIC5259-2.8YML

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9008ACX TSC-TS9008ACX Datasheet
290Kb / 9P
300mA High PSRR Low Noise CMOS LDO
TS9008ACX5 TSC-TS9008ACX5 Datasheet
290Kb / 9P
300mA High PSRR Low Noise CMOS LDO
TS9008DCX TSC-TS9008DCX Datasheet
290Kb / 9P
300mA High PSRR Low Noise CMOS LDO
TS9008DCX5 TSC-TS9008DCX5 Datasheet
290Kb / 9P
300mA High PSRR Low Noise CMOS LDO
TS9008KCX TSC-TS9008KCX Datasheet
290Kb / 9P
300mA High PSRR Low Noise CMOS LDO
TS9008NCX5 TSC-TS9008NCX5 Datasheet
290Kb / 9P
300mA High PSRR Low Noise CMOS LDO
TS9008PCX5 TSC-TS9008PCX5 Datasheet
290Kb / 9P
300mA High PSRR Low Noise CMOS LDO
TS9008SCX TSC-TS9008SCX Datasheet
290Kb / 9P
300mA High PSRR Low Noise CMOS LDO
TS9008SCX5 TSC-TS9008SCX5 Datasheet
290Kb / 9P
300mA High PSRR Low Noise CMOS LDO
TS9008 TSC-TS9008_14 Datasheet
328Kb / 9P
300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com