Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5259-2.8YML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5259-2.8YML
Description  300mA High PSRR, Low Noise 關Cap CMOS LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5259-2.8YML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5259-2.8YML Datasheet HTML 1Page - Micrel Semiconductor MIC5259-2.8YML Datasheet HTML 2Page - Micrel Semiconductor MIC5259-2.8YML Datasheet HTML 3Page - Micrel Semiconductor MIC5259-2.8YML Datasheet HTML 4Page - Micrel Semiconductor MIC5259-2.8YML Datasheet HTML 5Page - Micrel Semiconductor MIC5259-2.8YML Datasheet HTML 6Page - Micrel Semiconductor MIC5259-2.8YML Datasheet HTML 7Page - Micrel Semiconductor MIC5259-2.8YML Datasheet HTML 8Page - Micrel Semiconductor MIC5259-2.8YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micrel, Inc.
MIC5259
September 2006
2
M9999-091406
Ordering Information(1)
Part Number
Marking
Standard
Pb-Free
Standard
Pb-Free*
Voltage
Junction
Temp. Range**
Package
MIC5259-1.5BD5
MIC5259-1.5YD5
NY15
NY15
1.5V
–40°C to +125°C
5-Pin Thin SOT23-5
MIC5259-1.8BD5
MIC5259-1.8YD5
NY18
NY18
1.8V
–40°C to +125°C
5-Pin Thin SOT23-5
MIC5259-2.5BD5
MIC5259-2.5YD5
NY25
NY25
2.5V
–40°C to +125°C
5-Pin Thin SOT23-5
MIC5259-2.8BD5
MIC5259-2.8YD5
NY28
NY28
2.8V
–40°C to +125°C
5-Pin Thin SOT23-5
MIC5259-2.85BD5
MIC5259-2.85YD5
NY2J
NY2J
2.85V
–40°C to +125°C
5-Pin Thin SOT23-5
MIC5259-3.0BD5
MIC5259-3.0YD5
NY30
NY30
3.0V
–40°C to +125°C
5-Pin Thin SOT23-5
MIC5259-3.3BD5
MIC5259-3.3YD5
NY33
NY33
3.3V
–40°C to +125°C
5-Pin Thin SOT23-5
MIC5259-1.5YML
Y15
1.5V
–40°C to +125°C
6-Pin 2mm x 2mm MLF
®
MIC5259-1.8YML
Y18
1.8V
–40°C to +125°C
6-Pin 2mm x 2mm MLF
®
MIC5259-2.1YML
Y21
2.1V
–40°C to +125°C
6-Pin 2mm x 2mm MLF
®
MIC5259-2.5BML
MIC5259-2.5YML
Y25
Y25
2.5V
–40°C to +125°C
6-Pin 2mm x 2mm MLF
®
MIC5259-2.8BML
MIC5259-2.8YML
Y28
Y28
2.8V
–40°C to +125°C
6-Pin 2mm x 2mm MLF
®
MIC5259-2.85BML
MIC5259-2.85YML
Y2J
Y2J
2.85V
–40°C to +125°C
6-Pin 2mm x 2mm MLF
®
MIC5259-3.0BML
MIC5259-3.0YML
Y30
Y30
3.0V
–40°C to +125°C
6-Pin 2mm x 2mm MLF
®
MIC5259-3.3BML
MIC5259-3.3YML
Y33
Y33
3.3V
–40°C to +125°C
6-Pin 2mm x 2mm MLF
®
*
Under bar / Over bar symbol ( _ /
) may not be to scale.
**
Other voltages available, please contact Micrel Marketing for details.
Pin Configuration
IN
OUT
BYP
EN
NYxx
1
3
45
2
GND
NYxx
1
EN
GND
IN
6
BYP
NC
OUT
5
4
2
3
Yxx
Yxx
MIC5259-x.xBD5/YD5
5-Pin Thin SOT-23 (D5)
(Top View)
MIC5259-x.xBML/YML
6-Pin 2mm x 2mm MLF
® (ML)
(Top View)
Pin Description
Pin Number
TSOT-23-5
Pin Number
MLF
®-6
Pin Name
Pin Name
1
3
IN
Supply Input
2
2
GND
Ground
3
1
EN
Enable/Shutdown (Input): CMOS compatible input. Logic high =
enable; logic low = shutdown. Do not leave open.
4
6
BYP
Reference Bypass: Connect external 0.01µF ≤ CBYP ≤ 1.0µF
capacitor to GND to reduce output noise. May be left open.
5
4
OUT
Regulator Output
―
5
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com