Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5375 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC5375
Description  High Performance Low Dropout 150mA LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5375 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC5375 Datasheet HTML 9Page - Micrel Semiconductor MIC5375 Datasheet HTML 10Page - Micrel Semiconductor MIC5375 Datasheet HTML 11Page - Micrel Semiconductor MIC5375 Datasheet HTML 12Page - Micrel Semiconductor MIC5375 Datasheet HTML 13Page - Micrel Semiconductor MIC5375 Datasheet HTML 14Page - Micrel Semiconductor MIC5375 Datasheet HTML 15Page - Micrel Semiconductor MIC5375 Datasheet HTML 16Page - Micrel Semiconductor MIC5375 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Micrel, Inc.
MIC5375/6/7/8
January 2009
13
M9999-011309-B
VIN
VOUT
ADJ
GND
U1 MIC5377/8YC5
EN
C2*
2.2µF
6.3V
R1
619k
J3
VOUT
J4
GND
C1*
2.2µF
6.3V
1
3
2
4
5
R3
100k
J1
VIN
J5
EN
J2
GND
R2
267k
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
JMK105BJ225MV-F
Taiyo Yuden
(1)
GRM155R60G225ME15D
Murata
(2)
C1, C2
CV05X5R225K10AB
AVX/Kyocera
(3)
Capacitor, 2.2µF, 6.3V, X5R, Size 0402
2
GRM155R61A105KE15D
Murata
(1)
C1005X5R1A105KT
TDK
(2)
C1, C2
CV05X5R105K10AH
AVX/Kyocera
(3)
Capacitor, 1µF Ceramic, 10V, X5R, Size 0402
2
R1
CRCW0402619KFKEA
Vishay
(4)
Resistor, 619kΩ, 1%, 1/16W, Size 0402
1
R2
CRCW04022673KFKEA
Vishay
(4)
Resistor, 267kΩ, 1%, 1/16W, Size 0402
1
R3
CRCW04021003KFKEA
Vishay
(4)
Resistor, 100kΩ, 1%, 1/16W, Size 0402
1
U1
MIC5377/8YC5
Micrel, Inc.
(5)
High Performance 150mA LDO, 5-Pin SC-70
1
Notes:
1. Taiyo Yuden:
2. Murata: www.murata.com
3. AVX/Kyocera: www.avx.com
4. Vishay: www.vishay.com
5. Micrel, Inc.: www.micrel.com
* CIN = COUT = 1µF for Vout ≥ 2.5V, CIN = COUT = 2.2µF for VOUT < 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com