Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5375 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5375
Description  High Performance Low Dropout 150mA LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5375 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5375 Datasheet HTML 1Page - Micrel Semiconductor MIC5375 Datasheet HTML 2Page - Micrel Semiconductor MIC5375 Datasheet HTML 3Page - Micrel Semiconductor MIC5375 Datasheet HTML 4Page - Micrel Semiconductor MIC5375 Datasheet HTML 5Page - Micrel Semiconductor MIC5375 Datasheet HTML 6Page - Micrel Semiconductor MIC5375 Datasheet HTML 7Page - Micrel Semiconductor MIC5375 Datasheet HTML 8Page - Micrel Semiconductor MIC5375 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Micrel, Inc.
MIC5375/6/7/8
January 2009
3
M9999-011309-B
Ordering Information
Part Number
Marking
Code
Output
Voltage
Temperature Range
Package
Lead Finish
MIC5375-2.8YMT
J7
2.8V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5375-2.8YC5
G7J
2.8V
–40°C to +125°C
5-Pin SC-70
Pb-Free
MIC5376-2.8YMT*
TT
2.8V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5376-2.8YC5*
2T8
2.8V
–40°C to +125°C
5-Pin SC-70
Pb-Free
MIC5377YMT
AH
ADJ
–40°C to +125°C
8-Pin 1.2mm x 1.2mm Thin MLF
®
Pb-Free
MIC5377YC5
AHA
ADJ
–40°C to +125°C
5-Pin SC-70
Pb-Free
MIC5378YMT*
67A
ADJ
–40°C to +125°C
8-Pin 1.2mm x 1.2mm Thin MLF
®
Pb-Free
MIC5378YC5*
A67
ADJ
–40°C to +125°C
5-Pin SC-70
Pb-Free
Notes:
1.
Other voltages available. Contact Micrel for details.
2.
Under bar symbol ( _ ) may not be to scale.
3.
Thin MLF
® ▲ = Pin 1 identifier.
4.
Thin MLF
® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
*
MIC5376/8 offers Auto-Discharge function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com