Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33153 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC33153
Description  4MHz PWM 1.2A Internal Inductor Buck Regulator with HyperLight Load and Power Good
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC33153 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC33153 Datasheet HTML 9Page - Micrel Semiconductor MIC33153 Datasheet HTML 10Page - Micrel Semiconductor MIC33153 Datasheet HTML 11Page - Micrel Semiconductor MIC33153 Datasheet HTML 12Page - Micrel Semiconductor MIC33153 Datasheet HTML 13Page - Micrel Semiconductor MIC33153 Datasheet HTML 14Page - Micrel Semiconductor MIC33153 Datasheet HTML 15Page - Micrel Semiconductor MIC33153 Datasheet HTML 16Page - Micrel Semiconductor MIC33153 Datasheet HTML 17Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Micrel Inc.
MIC33153
September 2010
13
M9999-092910-A
As can be seen in the diagram, total thermal resistance
R
θJA = RθJC + RθCA. Hence this can also be written:
Power Dissipation Considerations
As with all power devices, the ultimate current rating of
the output is limited by the thermal properties of the
package and the PCB it is mounted on. There is a
simple, Ohm’s law type of relationship between thermal
resistance, power dissipation and temperature which is
analogous to an electrical circuit:
(
)
AMB
JA
DISS
J
T
Rθ
P
T
+
×
=
Since effectively all of the power loss in the converter is
dissipated within the MIC33153 package, PDISS can be
calculated thus:
1)
η
1
(
P
P
OUT
DISS
−
×
=
Where:
η = Efficiency taken from efficiency curves
R
θJC and RθJA are found in the operating ratings section
of the datasheet.
From this simple circuit, one can calculate VX if one
knows ISOURCE, VZ and the resistor values, RXY and RYZ
using the equation:
Example:
A MIC33153 is intended to drive a 1A load at 1.8V and is
placed on a printed circuit board which has a ground
plane area of at least 25mm square. The voltage source
is a Li-ion battery with a lower operating threshold of 3V
and the ambient temperature of the assembly can be up
to 50
ºC.
()
Z
YZ
XY
SOURCE
X
V
R
R
I
V
+
+
×
=
Thermal circuits can be considered using these same
rules and can be drawn similarly replacing current
sources with power dissipation (in Watts), resistance
with thermal resistance (in
ºC/W) and voltage sources
with temperature (in
ºC):
Summary of variables:
IOUT = 1A
VOUT = 1.8V
VIN = 3V to 4.2V
TAMB = 50
ºC
R
θJA = 55
ºC/W from Datasheet
η @ 1A = 80% (worst case with VIN=4.2V from the
Typical Characteristics Efficiency vs. Load graphs)
1)
0.80
1
(
1
1.8
PDISS
−
×
⋅
=
= 0.45W
The worst case switch and inductor resistance will
increase at higher temperatures, so a margin of 20% can
be added to account for this:
Now replacing the variables in the equation for VX, one
can find the junction temperature (TJ) from power
dissipation, ambient temperature and the known thermal
resistance of the PCB (R
θCA) and the package (RθJC):
PDISS = 0.45 x 1.2 = .54W
()
AMB
CA
JC
DISS
J
T
Rθ
Rθ
P
T
+
+
×
=
Therefore:
TJ = 0.54W x (55
ºC/W) + 50ºC
TJ = 79.7
ºC
This is well below the maximum 125
ºC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com