Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC39152WU Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC39152WU
Description  1.5A, Low-Voltage Low-Dropout Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39152WU Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC39152WU Datasheet HTML 2Page - Micrel Semiconductor MIC39152WU Datasheet HTML 3Page - Micrel Semiconductor MIC39152WU Datasheet HTML 4Page - Micrel Semiconductor MIC39152WU Datasheet HTML 5Page - Micrel Semiconductor MIC39152WU Datasheet HTML 6Page - Micrel Semiconductor MIC39152WU Datasheet HTML 7Page - Micrel Semiconductor MIC39152WU Datasheet HTML 8Page - Micrel Semiconductor MIC39152WU Datasheet HTML 9Page - Micrel Semiconductor MIC39152WU Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Micrel, Inc.
MIC39150/39151/39152
October 2009
6
M9999-102309-A
Typical Characteristics
0
10
20
30
40
50
60
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6
FREQUENCY (Hz)
Power Supply
Rejection Ratio
I
LOAD = 1.5A
C
OUT = 10µF
C
IN = 0
V
IN = 3.3V
V
OUT = 2.5V
10
100
1k
10k 100k 1M
0
100
200
300
400
500
600
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
Dropout Voltage
vs. Temperature
I
LOAD = 1.5A
V
OUT = 2.5V
V
OUT = 1.8V
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
INPUT VOLTAGE (V)
Dropout Characteristics
I
LOAD = 100mA
I
LOAD = 750mA
I
LOAD = 1.5A
0
5
10
15
20
25
0 250 500 750 100012501500
OUTPUT CURRENT (mA)
Ground Current
vs. Output Current
V
OUT = 2.5V
V
OUT = 1.8V
0
5
10
15
20
25
30
35
40
45
50
55
60
65
02
46
8
10
12
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
I
LOAD = 750mA
I
LOAD = 1500mA
I
LOAD = 1000mA
0.30
0.31
0.32
0.33
0.34
0.35
0.36
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
Ground Current
vs. Temperature
I
LOAD = 10mA
V
OUT = 2.5V
V
OUT = 1.8V
0
5
10
15
20
25
-40 -20 0 20406080 100 120
TEMPERATURE (°C)
Ground Current
vs. Temperature
I
LOAD = 1.5A
V
OUT = 1.8V
V
OUT = 2.5V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
Short Circuit vs.
Temperature
typical 1.8V device
typical 2.5V device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com