Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC39152WU Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC39152WU
Description  1.5A, Low-Voltage Low-Dropout Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39152WU Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC39152WU Datasheet HTML 1Page - Micrel Semiconductor MIC39152WU Datasheet HTML 2Page - Micrel Semiconductor MIC39152WU Datasheet HTML 3Page - Micrel Semiconductor MIC39152WU Datasheet HTML 4Page - Micrel Semiconductor MIC39152WU Datasheet HTML 5Page - Micrel Semiconductor MIC39152WU Datasheet HTML 6Page - Micrel Semiconductor MIC39152WU Datasheet HTML 7Page - Micrel Semiconductor MIC39152WU Datasheet HTML 8Page - Micrel Semiconductor MIC39152WU Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MIC39150/39151/39152
1.5A, Low-Voltage Low-Dropout
Regulator
**See Thermal Design Section
Super ßeta PNP is a registered trademark of Micrel, Inc.
StrongARM is a trademark of Advanced RSIC Machines, Ltd.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
October 2009
M9999-102309-A
General Description
The MIC39150, MIC39151, and MIC39152 are 1.5A LDO
voltage regulators that provide a low voltage, high current
output with a minimum of external components. Utilizing
Micrel’s proprietary Super βeta PNP
® pass element, the
MIC39150/1/2 offers extremely low dropout (typically
375mV at 1.5A) and low ground current (typically 17mA at
1.5A).
The MIC39150/1/2 are ideal for PC add-in cards that need
to convert from 3.3V to 2.5V or 2.5V to 1.8V with a
guaranteed maximum dropout voltage of 500mV over all
operating conditions. The MIC39150/1/2 exhibit fast
transient response for heavy switching applications and
requires only 10µF of output capacitance to maintain
stability and achieve fast transient response.
The MIC39150/1/2 is fully protected with current limiting,
thermal
shutdown,
reversed-battery
protection/lead
insertion, and reverse-leakage protection. The MIC39151
offers a TTL-logic compatible enable pin and an error flag
that indicates undervoltage and overcurrent conditions.
Offered in fixed voltages of 2.5V, 1.8V and 1.65V, the
MIC39150/1 comes in the TO-220 and TO-263 (D
2Pak)
packages. The MIC39152 adjustable option allows
programming the output voltage anywhere between 1.24V
and 15.5V and comes in 5-Pin, TO-263 (D
2Pak) and
TO-252 (D-Pak) packages.
For applications requiring input voltage greater than 16V or
automotive load dump protection, see the MIC29150/1/2/3
family.
Features
• 1.5A minimum guaranteed output current
• 500mV maximum dropout voltage over temperature
– Ideal for 3.0V to 2.5V conversion
– Ideal for 2.5 to 1.8V or 1.65V conversion
• 1% initial accuracy
• Low ground current
• Current limiting and Thermal shutdown
• Reversed-battery and reversed lead insertion protection
• Reversed-leakage protection
• Fast transient response
• TTL/CMOS compatible enable pin (MIC39151/2 only)
• Error flag output (MIC39151 only)
• Adjustable output (MIC39152 only)
• Power D-Pak package (TO-252) Adjustable only
• Power D2Pak package (TO-263)
Applications
• Low-voltage digital ICs
• LDO linear regulator for PC add-in cards
• High-efficiency linear power supplies
• SMPS post regulator
• Low-voltage microcontrollers
• StrongARM™ processor supply
Typical Application**
MIC39150
MIC39151
MIC39152 Adjustable Output Application
(*See Minimum Load Current Section)


Similar Part No. - MIC39152WU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39150 MICREL-MIC39150 Datasheet
106Kb / 12P
1.5A Low-Voltage Low-Dropout Regulator
MIC39150-1.8BT MICREL-MIC39150-1.8BT Datasheet
106Kb / 12P
1.5A Low-Voltage Low-Dropout Regulator
MIC39150-1.8BU MICREL-MIC39150-1.8BU Datasheet
106Kb / 12P
1.5A Low-Voltage Low-Dropout Regulator
MIC39150-2.5BT MICREL-MIC39150-2.5BT Datasheet
106Kb / 12P
1.5A Low-Voltage Low-Dropout Regulator
MIC39150-2.5BU MICREL-MIC39150-2.5BU Datasheet
106Kb / 12P
1.5A Low-Voltage Low-Dropout Regulator
More results

Similar Description - MIC39152WU

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC39150 MICREL-MIC39150 Datasheet
106Kb / 12P
1.5A Low-Voltage Low-Dropout Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
1.5A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
FAN1950 FAIRCHILD-FAN1950 Datasheet
518Kb / 11P
1.5A Low-Voltage Low-Dropout Regulator
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
1.5A Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
1.5A LOW DROPOUT VOLTAGE REGULATOR
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
1.5A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com