Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9286 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9286
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9286 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9286 Datasheet HTML 17Page - Analog Devices AD9286 Datasheet HTML 18Page - Analog Devices AD9286 Datasheet HTML 19Page - Analog Devices AD9286 Datasheet HTML 20Page - Analog Devices AD9286 Datasheet HTML 21Page - Analog Devices AD9286 Datasheet HTML 22Page - Analog Devices AD9286 Datasheet HTML 23Page - Analog Devices AD9286 Datasheet HTML 24Page - Analog Devices AD9286 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD9286
Rev. 0 | Page 21 of 28
HARDWARE INTERFACE
The pins described in Table 10 constitute the physical interface
between the programming device of the user and the serial port
of the AD9286. The SCLK and CSB pins function as inputs
when using the SPI interface. The SDIO pin is bidirectional,
functioning as an input during write phases and as an output
during readback.
The SPI interface is flexible enough to be controlled by either
FPGAs or microcontrollers. One method for SPI configuration
is described in detail in the AN-812 Application Note, Micro-
controller-Based Serial Port Interface (SPI) Boot Circuit.
The SPI port should not be active during periods when the full
dynamic performance of the converter is required. Because the
SCLK, CSB, and SDIO signals are typically asynchronous to the
ADC clock, noise from these signals can degrade converter
performance. If the on-board SPI bus is used for other devices, it
may be necessary to provide buffers between this bus and the
AD9286 to prevent these signals from transitioning at the
converter inputs during critical sampling periods.
SDIO/PWDN serves a dual function when the SPI interface is
not being used. When the pin is strapped to AVDD or ground
during device power-on, it is associated with a specific function.
The mode selection table (see Table 11) describes the strappable
functions that are supported on the AD9286.
Table 11. Mode Selection
Pin
External
Voltage
Configuration
AVDD (default)
Chip in full power-down
SDIO/PWDN
AGND
Normal operation
AVDD
Outputs in high impedance
OE
AGND (default)
Outputs enabled
CONFIGURATION WITHOUT THE SPI
In applications that do not interface to the SPI control registers,
the SDIO/PWDN pin serves as a standalone, CMOS-compatible
control pin. When the device is powered up, it is assumed that
the user intends to use the SDIO, SCLK, and CSB pins as static
control lines for the output enable and power-down feature control.
In this mode, connecting the CSB chip select to AVDD disables
the serial port interface.
SPI ACCESSIBLE FEATURES
Table 12 provides a brief description of the general features that
are accessible via the SPI. These features are described in detail
in the AN-877 Application Note, Interfacing to High Speed ADCs
via SPI. The AD9286 part-specific features are described in
detail in Table 13.
Table 12. Features Accessible Using the SPI
Feature
Description
Mode
Allows the user to set either power-down mode
or standby mode
Clock
Allows the user to access the DCS via the SPI
Offset
Allows the user to digitally adjust the converter
offset
Test I/O
Allows the user to set test modes to have known
data on output bits
Output Mode
Allows the user to set up outputs
Output Phase
Allows the user to set the output clock polarity
Output Delay
Allows the user to vary the DCO delay
Voltage
Reference
Allows the user to set the voltage reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com