Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9286 Datasheet (PDF) - Analog Devices

AD9286 Datasheet PDF - Analog Devices
Part # AD9286
Download  AD9286 Download
File Size   646.81 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)

AD9286 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9286 Datasheet PDF - Analog Devices

Part # AD9286
Download  AD9286 Click to download

File Size   646.81 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)

AD9286 Datasheet (HTML) - Analog Devices


AD9286 Product details

GENERAL DESCRIPTION
The AD9286 is an 8-bit, monolithic sampling, analog-to-digital converter (ADC) that supports interleaved operation and is optimized for low cost, low power, and ease of use. Each ADC operates at up to a 250 MSPS conversion rate with outstanding dynamic performance.

FEATURES
   Single 1.8 V supply operation
   SNR: 49.3 dBFS at 200 MHz input at 500 MSPS
   SFDR: 65 dBc at 200 MHz input at 500 MSPS
   Low power: 315 mW at 500 MSPS
   On-chip interleaved clocking
   On-chip reference and track-and-hold
   1.2 V p-p analog input range for each channel
   Differential input with 500 MHz bandwidth
   LVDS-compliant digital output
   On-chip voltage reference and sample-and-hold circuit
   DNL: ±0.2 LSB
   Serial port control options
      Interleaved clock timing adjustment
      Offset binary, Gray code, or twos complement data format
      Optional clock duty cycle stabilizer
      Built-in selectable digital test pattern generation
   Pin-programmable power-down function
   Available in 48-lead LFCSP

APPLICATIONS
   Battery-powered instruments
   Handheld scope meters
   Low cost digital oscilloscopes
   OTS: video over fiber




Similar Part No. - AD9286

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9286-500EBZ AD-AD9286-500EBZ Datasheet
713Kb / 28P
8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
Rev. C
AD9286BCPZ-500 AD-AD9286BCPZ-500 Datasheet
713Kb / 28P
8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
Rev. C
AD9286BCPZRL7-500 AD-AD9286BCPZRL7-500 Datasheet
713Kb / 28P
8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
Rev. C
AD9286 AD-AD9286_15 Datasheet
713Kb / 28P
8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
Rev. C
More results


Similar Description - AD9286

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9284 AD-AD9284 Datasheet
626Kb / 24P
8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9434 AD-AD9434 Datasheet
1,012Kb / 28P
12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9484 AD-AD9484 Datasheet
609Kb / 24P
8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter Excellent linearity
REV. A
AD9642 AD-AD9642 Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. B
AD9284 AD-AD9284_13 Datasheet
627Kb / 25P
8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. A
AD9286 AD-AD9286_15 Datasheet
713Kb / 28P
8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
Rev. C
AD9484 AD-AD9484_17 Datasheet
628Kb / 25P
8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com