Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1350 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # ZXLD1350
Description  30V 350mA LED DRIVER with AEC-Q100
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1350 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button ZXLD1350 Datasheet HTML 9Page - Diodes Incorporated ZXLD1350 Datasheet HTML 10Page - Diodes Incorporated ZXLD1350 Datasheet HTML 11Page - Diodes Incorporated ZXLD1350 Datasheet HTML 12Page - Diodes Incorporated ZXLD1350 Datasheet HTML 13Page - Diodes Incorporated ZXLD1350 Datasheet HTML 14Page - Diodes Incorporated ZXLD1350 Datasheet HTML 15Page - Diodes Incorporated ZXLD1350 Datasheet HTML 16Page - Diodes Incorporated ZXLD1350 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ZXLD1350
ZXLD1350
Document number: DS33468 Rev. 7 - 2
13 of 22
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (Continued)
Output Current Adjustment by PWM Control
Directly driving ADJ input
A Pulse Width Modulated (PWM) signal with duty cycle DPWM can be applied to the ADJ pin, as shown below, to adjust the
output current to a value above or below the nominal average value set by resistor RS:
Driving the ADJ input via open collector transistor
The recommended method of driving the ADJ pin and controlling the amplitude of the PWM waveform is to use a small NPN
switching transistor as shown below:
This scheme uses the 200k resistor between the ADJ pin and the internal voltage reference as a pull-up resistor for the
external transistor.
Driving the ADJ input from a microcontroller
Another possibility is to drive the device from the open drain output of a microcontroller. The diagram below shows one
method of doing this:
The diode and resistor suppress possible high amplitude negative spikes on the ADJ input resulting from the drain-source
capacitance of the FET. Negative spikes at the input to the device should be avoided as they may cause errors in output
current, or erratic device operation.
PWM dimming can be further split into high frequency and low frequency PWM dimming and how the device responds to
these.
VADJ
GND
ADJ
ZXLD1350
GND
0V
PWM
ADJ
ZXLD1350
GND
GND
PWM
ZXLD1350
GND
ADJ
10k
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com