Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1360 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # ZXLD1360
Description  d30V 1A LED DRIVER with AEC-Q100
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1360 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button ZXLD1360 Datasheet HTML 9Page - Diodes Incorporated ZXLD1360 Datasheet HTML 10Page - Diodes Incorporated ZXLD1360 Datasheet HTML 11Page - Diodes Incorporated ZXLD1360 Datasheet HTML 12Page - Diodes Incorporated ZXLD1360 Datasheet HTML 13Page - Diodes Incorporated ZXLD1360 Datasheet HTML 14Page - Diodes Incorporated ZXLD1360 Datasheet HTML 15Page - Diodes Incorporated ZXLD1360 Datasheet HTML 16Page - Diodes Incorporated ZXLD1360 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
ZXLD1360
ZXLD1360
Document number: DS33471 Rev. 3 - 2
13 of 25
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information
Setting nominal average output current with external resistor RS
The nominal average output current in the LED(s) is determined by the value of the external current sense resistor (RS)
connected between VIN and ISENSE and is given by:
IOUTnom = 0.1/RS [for RS > 0.1Ω]
The table below gives values of nominal average output current for several preferred values of current setting resistor (RS) in
the typical application circuit shown on page 1:
RS (Ω)
Nominal average
output current (mA)
0.1
1000
0.13
760
0.15
667
The above values assume that the ADJ pin is floating and at a nominal voltage of VREF (=1.25V). Note that RS = 0.1V is the
minimum allowed value of sense resistor under these conditions to maintain switch current below the specified maximum
value.
It is possible to use different values of RS if the ADJ pin is driven from an external voltage. (See next section).
Output current adjustment by external DC control voltage
The ADJ pin can be driven by an external dc voltage (VADJ), as shown, to adjust the output current to a value above or below
the nominal average value defined by RS.
The nominal average output current in this case is given by:
IOUTdc = (VADJ /1.25) x (100mV/RS) [for 0.3< VADJ <2.5V]
Note that 100% brightness setting corresponds to VADJ = VREF. When driving the ADJ pin above 1.25V, RS must be
increased in proportion to prevent IOUTdc exceeding 550mA maximum.
The input impedance of the ADJ pin is 50k
Ω ±25% for voltages below VREF and 20kΩ ±25% for voltages above VREF
+100mV.
GND
ZXLD1360
ADJ
GND
+
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com