Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1360 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # ZXLD1360
Description  d30V 1A LED DRIVER with AEC-Q100
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1360 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button ZXLD1360 Datasheet HTML 17Page - Diodes Incorporated ZXLD1360 Datasheet HTML 18Page - Diodes Incorporated ZXLD1360 Datasheet HTML 19Page - Diodes Incorporated ZXLD1360 Datasheet HTML 20Page - Diodes Incorporated ZXLD1360 Datasheet HTML 21Page - Diodes Incorporated ZXLD1360 Datasheet HTML 22Page - Diodes Incorporated ZXLD1360 Datasheet HTML 23Page - Diodes Incorporated ZXLD1360 Datasheet HTML 24Page - Diodes Incorporated ZXLD1360 Datasheet HTML 25Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
ZXLD1360
ZXLD1360
Document number: DS33471 Rev. 3 - 2
21 of 25
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (Continued)
Layout Considerations
LX pin
The LX pin of the device is a fast switching node, so PCB tracks should be kept as short as possible. To minimize ground
'bounce', the ground pin of the device should be soldered directly to the ground plane.
Coil and decoupling capacitors and current sense resistor
It is particularly important to mount the coil and the input decoupling capacitor as close to the device pins as possible to
minimize parasitic resistance and inductance, which will degrade efficiency. It is also important to minimize any track
resistance in series with current sense resistor RS. Its best to connect VIN directly to one end of RS and Isense directly to the
opposite end of RS with no other currents flowing in these tracks. It is important that the cathode current of the Schottky
diode does not flow in a track between RS and VIN as this may give an apparent higher measure of current than is actual
because of track resistance.
ADJ pin
The ADJ pin is a high impedance input for voltages up to 1.35V so, when left floating, PCB tracks to this pin should be as
short as possible to reduce noise pickup. A 100nF capacitor from the ADJ pin to ground will reduce frequency modulation of
the output under these conditions. An additional series 10k
Ω resistor can also be used when driving the ADJ pin from an
external circuit (see below). This resistor will provide filtering for low frequency noise and provide protection against high
voltage transients.
High voltage tracks
Avoid running any high voltage tracks close to the ADJ pin, to reduce the risk of leakage currents due to board contamination.
The ADJ pin is soft-clamped for voltages above 1.35V to desensitize it to leakage that might raise the ADJ pin voltage and
cause excessive output current. However, a ground ring placed around the ADJ pin is recommended to minimize changes in
output current under these conditions.
Evaluation PCB
The ZXLD1360EV1, 2 or 3 evaluation boards are available on request. These boards contain a Lumileds K2 or multiple Ostar
LEW type LEDs to allow quick testing of the 1360 device. Additional terminals allow for interfacing to customers own LED
products.
GND
ZXLD1360
ADJ
10k
100nF
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com