Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1366 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXLD1366
Description  HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1366 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXLD1366 Datasheet HTML 5Page - Diodes Incorporated ZXLD1366 Datasheet HTML 6Page - Diodes Incorporated ZXLD1366 Datasheet HTML 7Page - Diodes Incorporated ZXLD1366 Datasheet HTML 8Page - Diodes Incorporated ZXLD1366 Datasheet HTML 9Page - Diodes Incorporated ZXLD1366 Datasheet HTML 10Page - Diodes Incorporated ZXLD1366 Datasheet HTML 11Page - Diodes Incorporated ZXLD1366 Datasheet HTML 12Page - Diodes Incorporated ZXLD1366 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ZXLD1366
ZXLD1366
Document number: DS31992 Rev. 5 - 2
9 of 32
www.diodes.com
June 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Operating Conditions (cont.)
ZXLD1366 Switching Frequency
L=68µH
0
50
100
150
200
250
300
350
400
450
500
0
10
203040
50
60
Supply Voltage (V)
01 LEDs
03 LEDs
05 LEDs
07 LEDs
09 LEDs
11 LEDs
13 LEDs
15 LEDs
ZXLD1366 Duty Cycle
L=68µH
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
10203040
50
60
Supply Voltage (V)
01 LEDs
03 LEDs
05 LEDs
07 LEDs
09 LEDs
11 LEDs
13 LEDs
15 LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com