Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1366 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # ZXLD1366
Description  HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1366 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button ZXLD1366 Datasheet HTML 17Page - Diodes Incorporated ZXLD1366 Datasheet HTML 18Page - Diodes Incorporated ZXLD1366 Datasheet HTML 19Page - Diodes Incorporated ZXLD1366 Datasheet HTML 20Page - Diodes Incorporated ZXLD1366 Datasheet HTML 21Page - Diodes Incorporated ZXLD1366 Datasheet HTML 22Page - Diodes Incorporated ZXLD1366 Datasheet HTML 23Page - Diodes Incorporated ZXLD1366 Datasheet HTML 24Page - Diodes Incorporated ZXLD1366 Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ZXLD1366
ZXLD1366
Document number: DS31992 Rev. 5 - 2
21 of 32
www.diodes.com
June 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
VIN capacitor selection
A low ESR capacitor should be used for input decoupling, as the ESR of this capacitor appears in series with the supply
source impedance and lowers overall efficiency. This capacitor has to supply the relatively high peak current to the coil and
smooth the current ripple on the input supply.
To avoid transients into the IC, the size of the input capacitor will depend on the VIN voltage:
VIN = 6 to 40V CIN = 2.2μF
VIN = 40 to 50V CIN = 4.7μF
VIN = 50 to 60V CIN = 10μF
When the input voltage is close to the output voltage the input current increases which puts more demand on the input
capacitor. The minimum value of 2.2
μF may need to be increased to 4.7μF; higher values will improve performance at lower
input voltages, especially when the source impedance is high. The input capacitor should be placed as close as possible to
the IC.
For maximum stability over temperature and voltage, capacitors with X7R, X5R, or better dielectric is recommended.
Capacitors with Y5V dielectric are not suitable for decoupling in this application and should NOT be used.
When higher voltages are used with the CIN = 10μF, an electrolytic capacitor can be used provided that a suitable 1mF
ceramic capacitor is also used and positioned as close to the VIN pin as possible.
A suitable capacitor would be NACEW100M1006.3x8TR13F (NIC Components).
The following web sites are useful when finding alternatives:
www.murata.com
www.niccomp.com
www.kemet.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com