Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMC6A09DN8TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMC6A09DN8TA
Description  COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMC6A09DN8TA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMC6A09DN8TA Datasheet HTML 1Page - Diodes Incorporated ZXMC6A09DN8TA Datasheet HTML 2Page - Diodes Incorporated ZXMC6A09DN8TA Datasheet HTML 3Page - Diodes Incorporated ZXMC6A09DN8TA Datasheet HTML 4Page - Diodes Incorporated ZXMC6A09DN8TA Datasheet HTML 5Page - Diodes Incorporated ZXMC6A09DN8TA Datasheet HTML 6Page - Diodes Incorporated ZXMC6A09DN8TA Datasheet HTML 7Page - Diodes Incorporated ZXMC6A09DN8TA Datasheet HTML 8Page - Diodes Incorporated ZXMC6A09DN8TA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SUMMARY
N-Channel V(BR)DSS = 60V; RDS(ON) = 0.045 ;ID= 5.1A
P-Channel V(BR)DSS = -60V; RDS(ON) = 0.055 ;ID= -4.8A
DESCRIPTION
This new generation of trench MOSFETs from Zetex utilizes a unique structure
that combines the benefits of low on-resistance with fast switching speed. This
makes them ideal for high efficiency, low voltage, power management
applications.
FEATURES
• Low on-resistance
• Fast switching speed
• Low threshold
• Low gate drive
• Low profile SOIC package
APPLICATIONS
• Motor drive
• LCD backlighting
DEVICE MARKING
ZXMC
6A09
ZXMC6A09DN8
ISSUE 4 - MAY 2005
1
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
DEVICE
REEL
TAPE
WIDTH
QUANTITY
PER REEL
ZXMC6A09DN8TA
7’‘
12mm
500 units
ZXMC6A09DN8TC
13’‘
12mm
2500 units
ORDERING INFORMATION
Q2 = P-CHANNEL
Q1 = N-CHANNEL
SO8
Top view
PINOUT


Similar Part No. - ZXMC6A09DN8TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMC6A09DN8TA ZETEX-ZXMC6A09DN8TA Datasheet
290Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXMC6A09DN8TA VBSEMI-ZXMC6A09DN8TA Datasheet
2Mb / 14P
N- and P-Channel 60-V (D-S) MOSFET
More results

Similar Description - ZXMC6A09DN8TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMC4559DN8 ZETEX-ZXMC4559DN8 Datasheet
282Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
ZXMC6A09DN8 ZETEX-ZXMC6A09DN8 Datasheet
290Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8_05 Datasheet
276Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMC4559DN8 DIODES-ZXMC4559DN8 Datasheet
292Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
MAY 2005
ZXMHC6A07T8 DIODES-ZXMHC6A07T8 Datasheet
283Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
MAY 2005
ZXMC4559DN8 DIODES-ZXMC4559DN8_15 Datasheet
410Kb / 11P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
Rev 7
ZXMC6A09DN8 DIODES-ZXMC6A09DN8_15 Datasheet
282Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
MAY 2005
DMC6040SSDQ DIODES-DMC6040SSDQ Datasheet
592Kb / 9P
60V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
logo
ACE Technology Co., LTD...
ACE114614B ACE-ACE114614B Datasheet
214Kb / 3P
60V Complementary Enhancement Mode Power MOSFET
VER 1.1
ACE14614B ACE-ACE14614B Datasheet
208Kb / 3P
60V Complementary Enhancement Mode Power MOSFET
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com