Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMN3AMCTA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMN3AMCTA
Description  30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN3AMCTA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMN3AMCTA Datasheet HTML 1Page - Diodes Incorporated ZXMN3AMCTA Datasheet HTML 2Page - Diodes Incorporated ZXMN3AMCTA Datasheet HTML 3Page - Diodes Incorporated ZXMN3AMCTA Datasheet HTML 4Page - Diodes Incorporated ZXMN3AMCTA Datasheet HTML 5Page - Diodes Incorporated ZXMN3AMCTA Datasheet HTML 6Page - Diodes Incorporated ZXMN3AMCTA Datasheet HTML 7Page - Diodes Incorporated ZXMN3AMCTA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ZXMN3AMC
Document number: DS35087 Rev. 1 - 2
1 of 8
www.diodes.com
December 2010
© Diodes Incorporated
ZXMN3AMC
A Product Line of
Diodes Incorporated
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(on) max
ID max
TA = 25°C
(Notes 4 & 7)
30V
120m
Ω @ VGS = 10V
3.7A
180m
Ω @ VGS = 4.5V
3.0A
Description and Applications
This MOSFET has been designed to minimize the on-state resistance
(RDS(on)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
•
DC-DC Converters
•
Power management functions
•
Disconnect switches
•
Portable applications
Features and Benefits
•
Low profile package, for thin applications
•
Low RθJA, thermally efficient package
•
6mm
2 footprint, 50% smaller than TSOP6 and SOT23-6
•
Low on-resistance
•
Fast switching speed
•
“Lead-Free”, RoHS Compliant (Note 1)
•
Halogen and Antimony Free. "Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: DFN3020B-8
•
Terminals: Pre-Plated NiPdAu leadframe
•
Nominal package height: 0.8mm
•
UL Flammability Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Solderable per MIL-STD-202, Method 208
•
Weight: 0.013 grams (approximate)
Ordering Information (Note 3)
Part Number
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXMN3AMCTA
DNB
7
8
3000
Notes:
1. No purposefully added lead
2. Diodes Inc's "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Equivalent Circuit
Bottom View
Pin-Out
D2
D2
D1
D1
G2
S2
G1
S1
D2
D1
Pin 1
D2
S2
G2
D1
S1
G1
Top View
Bottom View
DFN3020B-8
DNB = Product Type Marking Code
Top View, Dot Denotes Pin 1
DNB


Similar Part No. - ZXMN3AMCTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN3AMC DIODES-ZXMN3AMC_15 Datasheet
659Kb / 8P
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
More results

Similar Description - ZXMN3AMCTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMD63N03X ZETEX-ZXMD63N03X Datasheet
194Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A04DN8 ZETEX-ZXMN3A04DN8 Datasheet
56Kb / 4P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN3A04DN8 DIODES-ZXMN3A04DN8 Datasheet
194Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2002
ZXMN3A06DN8 DIODES-ZXMN3A06DN8 Datasheet
192Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2002
ZXMN3AM832 DIODES-ZXMN3AM832 Datasheet
194Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
DMN3035LWN DIODES-DMN3035LWN_15 Datasheet
596Kb / 7P
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN3135LVT DIODES-DMN3135LVT_15 Datasheet
190Kb / 6P
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
DMN3015LSD DIODES-DMN3015LSD_15 Datasheet
291Kb / 6P
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJL9804 PANJIT-PJL9804 Datasheet
351Kb / 6P
30V Dual N-Channel Enhancement Mode MOSFET
March 25,2017-REV.01
PJL9808 PANJIT-PJL9808 Datasheet
351Kb / 6P
30V Dual N-Channel Enhancement Mode MOSFET
March 31,2017-REV.01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com