Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEM4953 Datasheet(PDF) 4 Page - Chino-Excel Technology

Part # CEM4953
Description  Dual P-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEM4953 Datasheet(HTML) 4 Page - Chino-Excel Technology

  CEM4953_10 Datasheet HTML 1Page - Chino-Excel Technology CEM4953_10 Datasheet HTML 2Page - Chino-Excel Technology CEM4953_10 Datasheet HTML 3Page - Chino-Excel Technology CEM4953_10 Datasheet HTML 4Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CEM4953
4
Qg, Total Gate Charge (nC)
Figure 7. Gate Charge
-VDS, Drain-Source Voltage (V)
Figure 8. Maximum Safe
Operating Area
Figure 9. Switching Test Circuit
Figure 10. Switching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULSE WIDTH
INVERTED
VDD
R
D
V
V
R
S
V
G
GS
IN
GEN
OUT
L
Square Wave Pulse Duration (sec)
Figure 11. Normalized Thermal Transient Impedance Curve
10
-4
10
1
10
2
10
0
10
-1
10
-2
10
-3
10
1
10
0
10
-1
10
1
10
0
10
-1
10
8
6
4
2
0
0
4
8
12
16
VDS=-15V
ID=-4.9A
1s
100ms
10ms
DC
Single Pulse
TA=25 C
TJ=150 C
RDS(ON)Limit
PDM
t1
t2
1. RθJA (t)=r (t) * RθJA
2. RθJA=See Datasheet
3. TJM-TA = P* RθJA (t)
4. Duty Cycle, D=t1/t2
10
0
Single Pulse
10
-1
10
-2
0.02
0.05
0.1
0.2
D=0.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com