Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEM4953 Datasheet(PDF) 1 Page - Chino-Excel Technology

Part # CEM4953
Description  Dual P-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEM4953 Datasheet(HTML) 1 Page - Chino-Excel Technology

  CEM4953_10 Datasheet HTML 1Page - Chino-Excel Technology CEM4953_10 Datasheet HTML 2Page - Chino-Excel Technology CEM4953_10 Datasheet HTML 3Page - Chino-Excel Technology CEM4953_10 Datasheet HTML 4Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dual P-Channel Enhancement Mode Field Effect Transistor
CEM4953
FEATURES
-30V, -4.9A, RDS(ON) = 53mΩ @VGS = -10V.
RDS(ON) = 95mΩ @VGS = -4.5V.
Super high dense cell design for extremely low RDS(ON).
High power and current handing capability.
Surface mount Package.
ABSOLUTE MAXIMUM RATINGS TA = 25 C unless otherwise noted
Parameter
Symbol
Limit
Units
Drain-Source Voltage
Gate-Source Voltage
Drain Current-Continuous
Drain Current-Pulsed a
Maximum Power Dissipation
VDS
VGS
ID
PD
IDM
-30
2.0
-30
-4.9
±20
V
W
A
A
V
1
SO-8
1
D1
D1
D2
D2
S1
G1
S2
G2
8
7
6
5
1
2
3
4
Lead free product is acquired.
2010.Apr
http://www.cetsemi.com
Operating and Store Temperature Range
TJ,Tstg
-55 to 150
C
Thermal Characteristics
Thermal Resistance, Junction-to-Ambient b
Parameter
Symbol
Limit
Units
C/W
62.5
RθJA


Similar Part No. - CEM4953_10

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM4953A CET-CEM4953A Datasheet
111Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
CEM4953A CET-CEM4953A_10 Datasheet
337Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
CEM4953H CET-CEM4953H Datasheet
430Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - CEM4953_10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4817 AOSMD-AO4817 Datasheet
107Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Chenmko Enterprise Co. ...
CHM2407JPT CHENMKO-CHM2407JPT Datasheet
235Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
CHM4432JPT CHENMKO-CHM4432JPT Datasheet
204Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
CHM8531JPT CHENMKO-CHM8531JPT Datasheet
204Kb / 2P
Dual P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com