Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP3F37DN8 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMP3F37DN8
Description  30V SO8 Dual P-channel enhancement mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP3F37DN8 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMP3F37DN8 Datasheet HTML 1Page - Diodes Incorporated ZXMP3F37DN8 Datasheet HTML 2Page - Diodes Incorporated ZXMP3F37DN8 Datasheet HTML 3Page - Diodes Incorporated ZXMP3F37DN8 Datasheet HTML 4Page - Diodes Incorporated ZXMP3F37DN8 Datasheet HTML 5Page - Diodes Incorporated ZXMP3F37DN8 Datasheet HTML 6Page - Diodes Incorporated ZXMP3F37DN8 Datasheet HTML 7Page - Diodes Incorporated ZXMP3F37DN8 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ZXMP3F37DN8
30V SO8 Dual P-channel enhancement mode MOSFET
Summary
V(BR)DSS (V)
RDS(on) (Ω)
ID(A)
0.025 @ VGS=-10V
-8.3
-30
0.041 @ VGS=-4.5V
Description
This new generation Trench MOSFET from Zetex has been
designed to minimize the on-state resistance (RDS(on))
and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Features
•
Low on-resistance
•
Fast switching speed
•
Low gate drive
•
Dual SO8 package
Applications
•
DC-DC Converters
•
Power management functions
•
Disconnect switches
•
Motor control
Ordering information
Device
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
ZXMP3F37DN8TA
7
12
500
Device marking
ZXMP 3F37D
Issue 1 - August 2008
1
© Diodes Incorporated 2008
www.zetex.com
www.diodes.com


Similar Part No. - ZXMP3F37DN8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP3F37DN8 ZETEX-ZXMP3F37DN8 Datasheet
294Kb / 8P
30V SO8 Dual P-channel enhancement mode MOSFET
ZXMP3F37DN8TA ZETEX-ZXMP3F37DN8TA Datasheet
294Kb / 8P
30V SO8 Dual P-channel enhancement mode MOSFET
More results

Similar Description - ZXMP3F37DN8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3F31DN8 ZETEX-ZXMN3F31DN8 Datasheet
470Kb / 8P
30V SO8 dual N-channel enhancement mode MOSFET
ZXMN3G32DN8 ZETEX-ZXMN3G32DN8 Datasheet
419Kb / 8P
30V SO8 dual N-channel enhancement mode MOSFET
ZXMP3F35N8 ZETEX-ZXMP3F35N8 Datasheet
294Kb / 8P
30V SO8 P-channel enhancement mode MOSFET
ZXMP3F37DN8 ZETEX-ZXMP3F37DN8 Datasheet
294Kb / 8P
30V SO8 Dual P-channel enhancement mode MOSFET
ZXMP3F37N8 ZETEX-ZXMP3F37N8 Datasheet
299Kb / 8P
30V SO8 P-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN3F31DN8 DIODES-ZXMN3F31DN8 Datasheet
433Kb / 8P
30V SO8 dual N-channel enhancement mode MOSFET
FEBRUARY 2008
ZXMN3G32DN8 DIODES-ZXMN3G32DN8 Datasheet
450Kb / 8P
30V SO8 dual N-channel enhancement mode MOSFET
JANUARY 2008
ZXMP3F35N8 DIODES-ZXMP3F35N8 Datasheet
250Kb / 8P
30V SO8 P-channel enhancement mode MOSFET
AUGUST 2008
ZXMP3F36N8 DIODES-ZXMP3F36N8 Datasheet
254Kb / 8P
30V SO8 P-channel enhancement mode MOSFET
AUGUST 2008
ZXMP3F37N8 DIODES-ZXMP3F37N8 Datasheet
261Kb / 8P
30V SO8 P-channel enhancement mode MOSFET
AUGUST 2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com