Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP3F37DN8 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMP3F37DN8
Description  30V SO8 Dual P-channel enhancement mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP3F37DN8 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMP3F37DN8 Datasheet HTML 1Page - Diodes Incorporated ZXMP3F37DN8 Datasheet HTML 2Page - Diodes Incorporated ZXMP3F37DN8 Datasheet HTML 3Page - Diodes Incorporated ZXMP3F37DN8 Datasheet HTML 4Page - Diodes Incorporated ZXMP3F37DN8 Datasheet HTML 5Page - Diodes Incorporated ZXMP3F37DN8 Datasheet HTML 6Page - Diodes Incorporated ZXMP3F37DN8 Datasheet HTML 7Page - Diodes Incorporated ZXMP3F37DN8 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXMP3F37DN8
Electrical characteristics (at Tamb = 25°C unless otherwise stated) Q1 and Q2
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Static
Drain-Source breakdown
voltage
V(BR)DSS
-30
V
ID = -250μA, VGS=0V
Zero Gate voltage Drain
current
IDSS
-1.0
µA
VDS=-YV, VGS=0V
Gate-Body leakage
IGSS
100
nA
VGS=±20V, VDS=0V
Gate-Source threshold
voltage
VGS(th)
-1.3
-2.5
V
ID= -250μA, VDS=VGS
Static Drain-Source
on-state resistance
(*)
RDS(on)
0.025
0.041
Ω
VGS= -10V, ID= -7.1A
VGS= -4.5V, ID= -5.5A
Forward
Transconductance
(*) (†)
gfs
18.6
S
VDS= -15V, ID= -7.1A
Dynamic
(†)
Input capacitance
Ciss
1678
pF
Output capacitance
Coss
303
pF
Reverse transfer
capacitance
Crss
178
pF
VDS= -15V, VGS=0V
f=1MHz
Switching
(‡) (†)
Turn-on-delay time
td(on)
3.5
ns
Rise time
tr
4.9
ns
Turn-off delay time
td(off)
44
ns
Fall time
tf
28
ns
VDD= -15V, VGS= -10V
ID= -1A
RG ≅ 6.0Ω,
Gate charge
Total Gate charge
Qg
31.6
nC
Gate-Source charge
Qgs
4.3
nC
Gate-Drain charge
Qgd
6.2
nC
VDS= -15V, VGS= -10V
ID= -7.1A
Source–Drain diode
Diode forward voltage
(*)
VSD
-0.80
-1.2
V
IS= -1.7A,VGS=0V
Reverse recovery time
(‡)
trr
16.2
ns
Reverse recovery charge
(‡)
Qrr
10
nC
IS= -2.2A,di/dt=100A/μs
NOTES:
(*) Measured under pulsed conditions. Pulse width
≤ 300μs; duty cycle ≤ 2%.
(†)Switching characteristics are independent of operating junction temperature.
(‡)For design aid only, not subject to production testing
Issue 1 - August 2008
4
© Diodes Incorporated 2008
www.zetex.com
www.diodes.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com