Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP10A13F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMP10A13F
Description  100V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP10A13F Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMP10A13F Datasheet HTML 1Page - Diodes Incorporated ZXMP10A13F Datasheet HTML 2Page - Diodes Incorporated ZXMP10A13F Datasheet HTML 3Page - Diodes Incorporated ZXMP10A13F Datasheet HTML 4Page - Diodes Incorporated ZXMP10A13F Datasheet HTML 5Page - Diodes Incorporated ZXMP10A13F Datasheet HTML 6Page - Diodes Incorporated ZXMP10A13F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXMP10A13F
SEMICO NDUC TORS
ISSUE 1 - MARCH 2005
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient
(a)
R JA
200
°C/W
Junction to Ambient
(b)
R JA
155
°C/W
NOTES
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
(b) For a device surface mounted on FR4 PCB measured at t
5 sec.
(c) Repetitive rating 25mm x 25mm FR4 PCB, D = 0.02, pulse width 300 s - pulse width limited by maximum junction temperature.
THERMAL RESISTANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDSS
-100
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current @ VGS=10V; TA=25°C
(b)
@VGS=10V; TA=70°C
(b)
@VGS=10V; TA=25°C
(a)
ID
-0.7
-0.5
-0.6
A
A
A
Pulsed Drain Current
(c)
IDM
-3.1
A
Continuous Source Current (Body Diode)
(b)
IS
-1.1
A
Pulsed Source Current (Body Diode)
(c)
ISM
-3.1
A
Power Dissipation at TA=25°C
(a)
Linear Derating Factor
PD
625
5
mW
mW/°C
Power Dissipation at TA=25°C
(b)
Linear Derating Factor
PD
806
6.4
mW
mW/°C
Operating and Storage Temperature Range
Tj,Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com