Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP10A13F Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMP10A13F
Description  100V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP10A13F Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMP10A13F Datasheet HTML 1Page - Diodes Incorporated ZXMP10A13F Datasheet HTML 2Page - Diodes Incorporated ZXMP10A13F Datasheet HTML 3Page - Diodes Incorporated ZXMP10A13F Datasheet HTML 4Page - Diodes Incorporated ZXMP10A13F Datasheet HTML 5Page - Diodes Incorporated ZXMP10A13F Datasheet HTML 6Page - Diodes Incorporated ZXMP10A13F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXMP10A13F
SEMICO NDUC TORS
ISSUE 1 - MARCH 2005
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
-100
V
ID= -250 A, VGS=0V
Zero Gate Voltage Drain Current
IDSS
-1.0
AVDS= -100V, VGS=0V
Gate-Body Leakage
IGSS
100
nA
VGS=±20V, VDS=0V
Gate-Source Threshold Voltage
VGS(th)
-2.0
-4.0
V
ID= -250 A, VDS=VGS
Static Drain-Source On-State
Resistance
(1)
RDS(on)
1
1.45
VGS= -10V, ID= -0.6A
VGS= -6V, ID= -0.5A
Forward Transconductance
(1)(3)
gfs
1.2
S
VDS= -15V, ID= -0.6A
DYNAMIC
(3)
Input Capacitance
Ciss
141
pF
VDS= -50V, VGS=0V
f=1MHz
Output Capacitance
Coss
13.1
pF
Reverse Transfer Capacitance
Crss
10.8
pF
SWITCHING
(2) (3)
Turn-On Delay Time
td(on)
1.6
ns
VDD= -50V, ID= -1A
RG ≅ 6.0 ,VGS= -10V
Rise Time
tr
2.1
ns
Turn-Off Delay Time
td(off)
5.9
ns
Fall Time
tf
3.3
ns
Gate Charge
Qg
1.8
nC
VDS= -50V, VGS= -5V
ID= -0.6A
Total Gate Charge
Qg
3.5
nC
VDS= -50V, VGS= -10V
ID= -0.6A
Gate-Source Charge
Qgs
0.6
nC
Gate-Drain Charge
Qgd
1.6
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage
(1)
VSD
-0.85
-0.95
V
Tj=25°C, IS= -0.75A,
VGS=0V
Reverse Recovery Time
(3)
trr
29
ns
Tj=25°C, IS= -0.9A,
di/dt=100A/ s
Reverse Recovery Charge
(3)
Qrr
31
nC
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
NOTES
(1) Measured under pulsed conditions. Pulse width
300ms; duty cycle
2%.
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com