Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6002G Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXMS6002G
Description  60V N-Channel self protected enhancement mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6002G Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXMS6002G Datasheet HTML 2Page - Diodes Incorporated ZXMS6002G Datasheet HTML 3Page - Diodes Incorporated ZXMS6002G Datasheet HTML 4Page - Diodes Incorporated ZXMS6002G Datasheet HTML 5Page - Diodes Incorporated ZXMS6002G Datasheet HTML 6Page - Diodes Incorporated ZXMS6002G Datasheet HTML 7Page - Diodes Incorporated ZXMS6002G Datasheet HTML 8Page - Diodes Incorporated ZXMS6002G Datasheet HTML 9Page - Diodes Incorporated ZXMS6002G Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ZXMS6002G
Issue 3 - June 2007
6
www.zetex.com
© Zetex Semiconductors plc 2007
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Static characteristics
Drain-source clamp voltage
VDS(AZ)
60
70
75
V
ID=10mA
Off state drain current
IDSS
0.1
3
AVDS=12V, VIN=0V
Off state drain current
IDSS
315
AVDS=32V, VIN=0V
Input threshold voltage (*)
VIN(th)
12.1
V
VDS=VGS, ID=1mA
Input current
IIN
0.7
1.2
mA
VIN=+5V
Input current
IIN
1.5
2.7
mA
VIN=+7V
Input current
IIN
47
mA
VIN=+10V
Static drain-source on-state
resistance
RDS(on)
520
675
m
VIN=5V, ID=0.7A
Static drain-source on-state
resistance
RDS(on)
385
500
m
VIN=10V, ID=0.7A
Current limit (†)
ID(LIM)
0.7
1.0
1.5
A
VIN=5V, VDS>5V
Current limit(†)
ID(LIM)
1.0
1.8
2.3
A
VIN=10V, VDS>5V
Dynamic characteristics
Turn-off time (VIN to 90% ID)toff
13
20
sRL=22 , VIN=10V to
0V, VDD=12V
Slew rate on (70 to 50% VDD)-dVDS/dton
820
V/ sRL=22 , VIN=0 to
10V, VDD=12V
Slew rate off (50 to 70% VDD)DVDS/dton
3.2
10
V/ sRL=22 , VIN=10V to
0V, VDD=12V
Protection functions (‡)
Required input voltage for
over temperature protection
VPROT
4.5
V
Thermal overload trip
temperature
TJT
150
175
°C
Thermal hysteresis
1
°C
Unclamped single pulse
inductive energy
Tj=25°C
EAS
550
mJ
ID(ISO)=0.7A,
VDD=32V
Unclamped single pulse
inductive energy
Tj=150°C
EAS
200
mJ
ID(ISO)=0.7A,
VDD=32V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com