Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6002G Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMS6002G
Description  60V N-Channel self protected enhancement mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6002G Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMS6002G Datasheet HTML 1Page - Diodes Incorporated ZXMS6002G Datasheet HTML 2Page - Diodes Incorporated ZXMS6002G Datasheet HTML 3Page - Diodes Incorporated ZXMS6002G Datasheet HTML 4Page - Diodes Incorporated ZXMS6002G Datasheet HTML 5Page - Diodes Incorporated ZXMS6002G Datasheet HTML 6Page - Diodes Incorporated ZXMS6002G Datasheet HTML 7Page - Diodes Incorporated ZXMS6002G Datasheet HTML 8Page - Diodes Incorporated ZXMS6002G Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Issue 3 - June 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXMS6002G
60V N-Channel self protected enhancement mode
IntelliFET™ MOSFET with status indication
Summary
Continuous drain source voltage
VDS = 60V
On-state resistance
500m
Nominal load current (VIN = 5V)
1.4A
Clamping energy
550mJ
Description
Ordering information
Self protected low side MOSFET. Monolithic
over temperature, over current, over voltage
(active clamp) and ESD protected logic level
functionality. Intended as a general purpose
switch, with status indication.
Features
•
Status pin (analog status indication)
•
Short circuit protection with auto restart
•
Over voltage protection (active clamp)
•
Thermal shutdown with auto restart
•
Over-current protection
•
Input protection (ESD)
•
Load dump protection (actively protects
load)
•
Logic level input
•
High continuous current rating
Note: The tab is connected to the drain pin and
must be electrically isolated from the source
pin. Connection of significant copper to the tab
is recommended for best thermal performance.
Device
Part mark
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
ZXMS6002GTA
ZXMS6002
7
12 embossed
1000
D
Top view
S
Status
IN


Similar Part No. - ZXMS6002G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMS6002G ZETEX-ZXMS6002G Datasheet
576Kb / 10P
60V N-Channel self protected enhancement mode IntelliFET??MOSFET with status indication
logo
Diodes Incorporated
ZXMS6002GQ DIODES-ZXMS6002GQ Datasheet
637Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 1
ZXMS6002GQTA DIODES-ZXMS6002GQTA Datasheet
637Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 1
logo
Zetex Semiconductors
ZXMS6002GTA ZETEX-ZXMS6002GTA Datasheet
576Kb / 10P
60V N-Channel self protected enhancement mode IntelliFET??MOSFET with status indication
More results

Similar Description - ZXMS6002G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6006SG DIODES-ZXMS6006SG Datasheet
249Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
DS35141 Rev. 1 - 2
ZXMS6001N3 DIODES-ZXMS6001N3 Datasheet
205Kb / 10P
60V N-channel self protected enhancement mode
JANUARY 2008
ZXMS6003G DIODES-ZXMS6003G Datasheet
789Kb / 10P
60V N-channel self protected enhancement mode
MARCH 2007
ZXMS6004DG DIODES-ZXMS6004DG Datasheet
485Kb / 10P
60V N-channel self protected enhancement mode
DECEMBER 2008
ZXMS6004DGQ DIODES-ZXMS6004DGQ Datasheet
435Kb / 8P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 1
ZXMS6004DN8 DIODES-ZXMS6004DN8 Datasheet
424Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 2
ZXMS6004FFQ DIODES-ZXMS6004FFQ Datasheet
421Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 4
ZXMS6004N8 DIODES-ZXMS6004N8 Datasheet
717Kb / 8P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 2
ZXMS6005DGQ DIODES-ZXMS6005DGQ Datasheet
253Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 1
ZXMS6005DT8Q DIODES-ZXMS6005DT8Q Datasheet
359Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com