Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC410 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXSC410
Description  VOLTAGE MODE BOOST CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC410 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXSC410 Datasheet HTML 1Page - Diodes Incorporated ZXSC410 Datasheet HTML 2Page - Diodes Incorporated ZXSC410 Datasheet HTML 3Page - Diodes Incorporated ZXSC410 Datasheet HTML 4Page - Diodes Incorporated ZXSC410 Datasheet HTML 5Page - Diodes Incorporated ZXSC410 Datasheet HTML 6Page - Diodes Incorporated ZXSC410 Datasheet HTML 7Page - Diodes Incorporated ZXSC410 Datasheet HTML 8Page - Diodes Incorporated ZXSC410 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SEMICO NDUC TORS
DESCRIPTION
The ZXSC410 is voltage mode boost converter in SOT23-6 package. Its excellent
load and line regulation means that for the full supply range from lithium Ion cells,
the output voltage will typically change by less than 1%. Using high efficiency
Zetex switching transistors allow output voltages of tens of volts depending on the
selected transistor. The ZXSC420 includes a battery low indicator. This operates
by indicating when the converter is no longer able to maintain the regulated
output voltage rather than setting a preset threshold, thereby making it suitable for
various battery options and load currents.
FEATURES
• 1.65V to 8V supply range
• Typical output regulation of ±1%
• Over 85% typical efficiency
• Output currents up to 300mA
• 4.5 A typical shutdown current ZXSC410
• End of regulation output ZXSC420
APPLICATIONS
• System power for battery portable products
• LCD bias
• Local voltage conversion
DEVICE MARKING
• C410 ZXSC410
• C420 ZXSC420
ZXSC410
ZXSC420
ISSUE 2 - May 2003
1
VOLTAGE MODE BOOST CONVERTER
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY
PER REEL
ZXSC410E6TA
7”
8mm
3000 units
ZXSC420E6TA
7”
8mm
3000 units
ORDERING INFORMATION
SOT23-6
VCC
GND
SENSE
DRIVE
STDN
VFB
U1
ZXSC410
Q1
FMMT617
C2
D1
ZHCS1000
L1
C1
R2
R3
R1
VIN
VOUT
TYPICAL APPLICATIONS DIAGRAM


Similar Part No. - ZXSC410

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC410 ZETEX-ZXSC410 Datasheet
214Kb / 12P
VOLTAGE MODE BOOST CONVERTER
logo
Diodes Incorporated
ZXSC410 DIODES-ZXSC410 Datasheet
512Kb / 17P
DC-DC BOOST SWITCHING CONTROLLERS
Rev 6
logo
Zetex Semiconductors
ZXSC410E6TA ZETEX-ZXSC410E6TA Datasheet
214Kb / 12P
VOLTAGE MODE BOOST CONVERTER
logo
Diodes Incorporated
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
483Kb / 17P
DC-DC BOOST SWITCHING CONTROLLERS
Rev 5
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
512Kb / 17P
DC-DC BOOST SWITCHING CONTROLLERS
Rev 6
More results

Similar Description - ZXSC410

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC410 ZETEX-ZXSC410 Datasheet
214Kb / 12P
VOLTAGE MODE BOOST CONVERTER
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
Low Voltage Synchronous Boost Converter
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
Low Voltage Synchronous Boost Converter
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
MagnaChip Semiconductor...
MAP7103 MGCHIP-MAP7103 Datasheet
617Kb / 9P
3A, High Voltage Boost Converter
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
1.2MHz, High Voltage, Boost Converter
logo
Richtek Technology Corp...
RT6150A RICHTEK-RT6150A Datasheet
188Kb / 13P
Current Mode Buck-Boost Converter
logo
Major-Power Technology ...
MA2011 MPOWER-MA2011 Datasheet
192Kb / 2P
3A High Voltage Boost Converter
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
1.2MHz, High Voltage, Boost Converter
VER 1.2
logo
Analog Devices
MAX17291C AD-MAX17291C Datasheet
637Kb / 10P
High-Voltage, Micropower, Boost Converter
19-101696; Rev 0; 9/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com